전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ567 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 2SJ567
상세설명  TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (MOSV)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ567 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  2SJ567 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ567 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ567 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ567 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ567 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ567 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SJ567
2009-07-13
1
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (π-MOSV)
2SJ567
Switching Applications
Chopper Regulator, DC/DC Converter and
Motor Drive Applications
• Low drain-source ON-resistance: RDS (ON) = 1.6 Ω (typ.)
• High forward transfer admittance: |Yfs| = 2.0 S (typ.)
• Low leakage current: IDSS = −100 μA (max) (VDS = −200 V)
• Enhancement model: Vth = −1.5 to −3.5 V (VDS = −10 V, ID = −1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
−200
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−200
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
−2.5
Drain current
Pulse
(Note 1)
IDP
−10
A
Drain power dissipation (Tc
= 25°C)
PD
20
W
Single-pulse avalanche energy
(Note 2)
EAS
97.5
mJ
Avalanche current
IAR
−2.5
A
Repetitive avalanche energy (Note 3)
EAR
2.0
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature,
etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage,
etc.) are within the absolute maximum ratings. Please design the
appropriate reliability upon reviewing the Toshiba Semiconductor
Reliability Handbook (“Handling Precautions”/“Derating Concept and
Methods”) and individual reliability data (i.e. reliability test report and
estimated failure rate, etc).
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
6.25
°C/W
Thermal resistance, channel to ambient
Rth (ch-a)
125
°C/W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = −50 V, Tch = 25°C (initial), L = −25.2 mH, IAR = −2.5 A
RG = 25 Ω
Note 3: Repetitive rating: pulse width limited by maximum channel
temperature
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
0.6 MAX.
0.6 MAX.
2.3
6.8 MAX.
0.95 MAX.
0.6
± 0.15
5.2
± 0.2
1
2
3
2.3
3
2
1
1. GATE
2. DRAIN
HEAT SINK)
3. SOURSE
JEDEC
JEITA
SC-64
TOSHIBA
2-7B1B
Weight: 0.36 g (typ.)
1.1
± 0.2
1.05 MAX.
2.3
± 0.15
5.2
± 0.2
0.8 MAX.
0.6 MAX.
6.5
± 0.2
1
2
3
0.6 MAX.
0.6
± 0.15
2.3
± 0.15
1. GATE
2. DRAIN
HEAT SINK)
3. SOURSE
3
2
1
JEDEC
JEITA
TOSHIBA
2-7J1B
Weight: 0.36 g (typ.)


유사한 부품 번호 - 2SJ567

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SJ567 TOSHIBA-2SJ567 Datasheet
195Kb / 6P
   Silicon P-Channel MOS Type Switching Applications
2SJ567 TOSHIBA-2SJ567 Datasheet
234Kb / 6P
   Switching Applications
2SJ567 TOSHIBA-2SJ567 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SJ567(TE16L1,NQ) TOSHIBA-2SJ567(TE16L1,NQ) Datasheet
182Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (-MOSV)
2SJ567 TOSHIBA-2SJ567_06 Datasheet
195Kb / 6P
   Silicon P-Channel MOS Type Switching Applications
More results

유사한 설명 - 2SJ567

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SJ567(TE16L1,NQ) TOSHIBA-2SJ567(TE16L1,NQ) Datasheet
182Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (-MOSV)
2SJ620 TOSHIBA-2SJ620 Datasheet
225Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2-?-MOSV)
2SK3130 TOSHIBA-2SK3130 Datasheet
203Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (?-MOSV)
2SK3342 TOSHIBA-2SK3342 Datasheet
129Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSV)
2SK3310 TOSHIBA-2SK3310 Datasheet
234Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3471 TOSHIBA-2SK3471 Datasheet
104Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3314 TOSHIBA-2SK3314 Datasheet
263Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3407 TOSHIBA-2SK3407 Datasheet
230Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3543 TOSHIBA-2SK3543 Datasheet
234Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3374 TOSHIBA-2SK3374 Datasheet
227Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (pi-MOSV)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com