전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZXT12N20DX 데이터시트(PDF) 1 Page - Zetex Semiconductors

부품명 ZXT12N20DX
상세설명  DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZETEX [Zetex Semiconductors]
홈페이지  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXT12N20DX 데이터시트(HTML) 1 Page - Zetex Semiconductors

  ZXT12N20DX Datasheet HTML 1Page - Zetex Semiconductors ZXT12N20DX Datasheet HTML 2Page - Zetex Semiconductors ZXT12N20DX Datasheet HTML 3Page - Zetex Semiconductors ZXT12N20DX Datasheet HTML 4Page - Zetex Semiconductors ZXT12N20DX Datasheet HTML 5Page - Zetex Semiconductors ZXT12N20DX Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ISSUE 1 - MARCH 2000
ZXT12N20DX
SuperSOT4™
DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
SUMMARY
V
CEO=20V; RSAT = 40m
;I
C= 3.5A
DESCRIPTION
This new 4th generation ultra low saturation transistor utilises the Zetex
matrix structure combined with advanced assembly techniques to give
extremely low on state losses. This makes it ideal for high efficiency, low
voltage switching applications.
FEATURES
• Extremely Low Equivalent On Resistance
• Extremely Low Saturation Voltage
• h
FE characterised up to 10A
• I
C=3.5A Continuous Collector Current
• MSOP8 package
APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Power switches
• Motor control
ORDERING INFORMATION
DEVICE
REEL SIZE
(inches)
TAPE WIDTH
(mm)
QUANTITY
PER REEL
ZXT12N20DXTA
7
12mm embossed
1000 units
ZXT12N20DXTC
13
12mm embossed
4000 units
DEVICE MARKING
T12N20DX
Top View
1
MSOP8
E1
E2
B1
B2
C1
C2
C2
C1
C1
E1
B1
C2
E2
B2


유사한 부품 번호 - ZXT12N20DX

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ZXT12N20DX DIODES-ZXT12N20DX Datasheet
270Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12N20DXTA DIODES-ZXT12N20DXTA Datasheet
270Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12N20DXTC DIODES-ZXT12N20DXTC Datasheet
270Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results

유사한 설명 - ZXT12N20DX

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ZXT12N20DX DIODES-ZXT12N20DX Datasheet
270Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTDBM832 DIODES-ZXTDBM832 Datasheet
432Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTD618MC DIODES-ZXTD618MC Datasheet
190Kb / 7P
   DUAL 20V NPN LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT13N20DE6 ZETEX-ZXT13N20DE6 Datasheet
432Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT10N20DE6 ZETEX-ZXT10N20DE6 Datasheet
230Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14N20DX ZETEX-ZXT14N20DX Datasheet
262Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTD618MC DIODES-ZXTD618MC_15 Datasheet
228Kb / 7P
   DUAL 20V NPN LOW SATURATION SWITCHING TRANSISTOR
ZXT13N20DE6 DIODES-ZXT13N20DE6 Datasheet
442Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14N20DX DIODES-ZXT14N20DX Datasheet
267Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT10N20DE6 DIODES-ZXT10N20DE6 Datasheet
243Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com