전자부품 데이터시트 검색엔진 |
|
MC68HC11EA9MFN2 데이터시트(PDF) 25 Page - Freescale Semiconductor, Inc |
|
MC68HC11EA9MFN2 데이터시트(HTML) 25 Page - Freescale Semiconductor, Inc |
25 / 58 page MC68HC11EA9 MC68HC11EA9TS/D 25 Bits [7:4] — Not Implemented Always read zero NOSEC — EEPROM Security Mode Disable Refer to 4.10.3 EEPROM Security NOCOP — COP System Disable 0 = COP system enabled (forces reset on timeout) 1 = COP system disabled ROMON — ROM/EPROM Enable Refer to 4 Operating Modes and On-Chip Memory. EEON — EEPROM Enable Refer to 4.10 EEPROM Table 9 Highest I-Bit Interrupt Source Selection PSEL3 PSEL2 PSEL1 PSEL0 Interrupt Source Promoted 0000 Timer Overflow 0001 Pulse Accumulator Overflow 0010 Pulse Accumulator Input Edge 0011 Reserved (Default to IRQ) 0100 SCI Serial System 0101 Reserved (Default to IRQ) 0110 IRQ (External Pin) 0111 Real-Time Interrupt 1000 Timer Input Capture 1 1001 Timer Input Capture 2 1010 Timer Input Capture 3 1011 Timer Output Compare 1 1100 Timer Output Compare 2 1101 Timer Output Compare 3 1110 Timer Output Compare 4 1111 Timer IC4/OC5 PSEL[3:0] reset to %0101, making IRQ the highest priority I-bit related interrupt source. CONFIG — Security, COP, ROM/EPROM, and EEPROM Enables $103F BIT 7 654321 BIT 0 ———— NOSEC NOCOP ROMON EEON RESET: — — — 00101 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
유사한 부품 번호 - MC68HC11EA9MFN2 |
|
유사한 설명 - MC68HC11EA9MFN2 |