전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2744 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 2SK2744
상세설명  Chopper Regulator, DC-DC Converter and Motor Drive Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2744 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  2SK2744_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2744_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2744_09 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SK2744
2009-09-29
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSV)
2SK2744
Chopper Regulator, DC-DC Converter and Motor Drive
Applications
• 4-V gate drive
• Low drain-source ON resistance: RDS (ON) = 15 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 27 S (typ.)
• Low leakage current: IDSS = 100 μA (max) (VDS = 50 V)
• Enhancement mode: Vth = 1.5 to 3.5 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
50
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
50
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
45
Drain current
Pulse (Note 1)
IDP
180
A
Drain power dissipation (Tc
= 25°C)
PD
125
W
Single pulse avalanche energy
(Note 2)
EAS
95
mJ
Avalanche current
IAR
45
A
Repetitive avalanche energy (Note 3)
EAR
12.5
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
1.0
°C/W
Thermal resistance, channel to ambient
Rth (ch-a)
50
°C/W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 25 V, Tch = 25°C (initial), L = 58 μH, RG = 25 Ω, IAR = 45 A
Note 3: Repetitive rating: pulse width limited by maximum junction temperature
This transistor is an electrostatic-sensitive device. Please handle with caution.
Unit: mm
1. GATE
2. DRAIN (HEAT SINK)
3. SOURSE
JEDEC
JEITA
TOSHIBA
2−16C1B
Weight: 4.6 g (typ.)


유사한 부품 번호 - 2SK2744_09

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK2744 TOSHIBA-2SK2744_06 Datasheet
137Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
More results

유사한 설명 - 2SK2744_09

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK4002 TOSHIBA-2SK4002 Datasheet
742Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2845 TOSHIBA-2SK2845_09 Datasheet
409Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK4002 TOSHIBA-2SK4002_09 Datasheet
415Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SJ464 TOSHIBA-2SJ464_09 Datasheet
202Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK2399 TOSHIBA-2SK2399_10 Datasheet
427Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2719 TOSHIBA-2SK2719_09 Datasheet
187Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK4018 TOSHIBA-2SK4018_08 Datasheet
737Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK3085 TOSHIBA-2SK3085 Datasheet
207Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK2231Q TOSHIBA-2SK2231Q Datasheet
810Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2700 TOSHIBA-2SK2700_09 Datasheet
410Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK2865 TOSHIBA-2SK2865_10 Datasheet
415Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com