전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP2G240 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP2G240
상세설명  LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP2G240 데이터시트(HTML) 9 Page - Texas Instruments

Back Button SN74AUP2G240 Datasheet HTML 5Page - Texas Instruments SN74AUP2G240 Datasheet HTML 6Page - Texas Instruments SN74AUP2G240 Datasheet HTML 7Page - Texas Instruments SN74AUP2G240 Datasheet HTML 8Page - Texas Instruments SN74AUP2G240 Datasheet HTML 9Page - Texas Instruments SN74AUP2G240 Datasheet HTML 10Page - Texas Instruments SN74AUP2G240 Datasheet HTML 11Page - Texas Instruments SN74AUP2G240 Datasheet HTML 12Page - Texas Instruments SN74AUP2G240 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74AUP2G240DCUR
ACTIVE
US8
DCU
8
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP2G240DQER
ACTIVE
X2SON
DQE
8
5000 Green (RoHS &
no Sb/Br)
NIPDAU
Level-1-260C-UNLIM
SN74AUP2G240RSER
ACTIVE
UQFN
RSE
8
5000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP2G240YFPR
ACTIVE
DSBGA
YFP
8
3000 Green (RoHS &
no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
12-May-2010
Addendum-Page 1


유사한 부품 번호 - SN74AUP2G240

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP2G240 TI-SN74AUP2G240 Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240DCUR TI-SN74AUP2G240DCUR Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240DQER TI-SN74AUP2G240DQER Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240RSER TI-SN74AUP2G240RSER Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240YFPR TI-SN74AUP2G240YFPR Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74AUP2G240

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP2G240 TI-SN74AUP2G240 Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G241 TI-SN74AUP2G241 Datasheet
298Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_09 Datasheet
526Kb / 15P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240_1 Datasheet
538Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G240 UTC-U74LVC2G240 Datasheet
214Kb / 6P
   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN64BCT306 TI-SN64BCT306 Datasheet
90Kb / 6P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240 Datasheet
432Kb / 12P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G241 TI-SN74LVC2G241 Datasheet
380Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_08 Datasheet
427Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G240 TI1-SN74LVC2G240_16 Datasheet
850Kb / 17P
[Old version datasheet]   Dual Buffer Driver With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com