전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPC6107 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TPC6107
상세설명  Silicon P Channel MOS Type (U-MOSIV) Notebook PC Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6107 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TPC6107 Datasheet HTML 1Page - Toshiba Semiconductor TPC6107 Datasheet HTML 2Page - Toshiba Semiconductor TPC6107 Datasheet HTML 3Page - Toshiba Semiconductor TPC6107 Datasheet HTML 4Page - Toshiba Semiconductor TPC6107 Datasheet HTML 5Page - Toshiba Semiconductor TPC6107 Datasheet HTML 6Page - Toshiba Semiconductor TPC6107 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPC6107
2006-11-17
3
Note 1:
Ensure that the channel temperature does not exceed 150°C.
Note 2: (a) Device mounted on a glass-epoxy board (a) (t
= 5 s)
(b) Device mounted on a glass-epoxy board (b) (t
= 5 s)
Note 3: VDD = 16 V, Tch = 25°C (initial), L = 0.2 mH, RG = 25 Ω, IAR = −2.25 A
Note 4: Repetitive rating: pulse width limited by maximum channel temperature
Note 5:
• on lower left of the marking indicates Pin 1.
(a)
FR-4
25.4
× 25.4 × 0.8
Unit: (mm)
(b)
FR-4
25.4
× 25.4 × 0.8
Unit: (mm)


유사한 부품 번호 - TPC6107

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
TPC6107 VBSEMI-TPC6107 Datasheet
456Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - TPC6107

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCA8105 TOSHIBA-TPCA8105 Datasheet
291Kb / 7P
   Silicon P Channel MOS Type (U-MOS III) Notebook PC Applications
TPC8115 TOSHIBA-TPC8115 Datasheet
2Mb / 4P
   FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U-MOSIV)
TPC6004 TOSHIBA-TPC6004 Datasheet
202Kb / 7P
   Notebook PC Applications Portable Equipment Applications Silicon N Channel MOS Type (U-MOSIII)
TPC8114 TOSHIBA-TPC8114 Datasheet
168Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIV)
TPCP8J01 TOSHIBA-TPCP8J01_07 Datasheet
311Kb / 9P
   TOSHIBA Multi-chip Device Silicon P Channel MOS Type (U-MOSIV) /Silicon NPN Epitaxial Type
TPCP8J01 TOSHIBA-TPCP8J01 Datasheet
189Kb / 5P
   TOSHIBA Multi-chip Device Silicon P Channel MOS Type (U-MOSIV) /Silicon NPN Epitaxial Type
TK25A10K3 TOSHIBA-TK25A10K3 Datasheet
312Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIV)
TPCP8302 TOSHIBA-TPCP8302_08 Datasheet
272Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
TPC8127 TOSHIBA-TPC8127 Datasheet
222Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
TPCA8109 TOSHIBA-TPCA8109 Datasheet
238Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com