전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA-M10A-L 데이터시트(PDF) 4 Page - Power Systems GmbH+Co.KG

부품명 CXA-M10A-L
상세설명  DC-AC INVERTER UNIT 6W SINGLE & DUAL OUTPUTS, PCB MOUNTABLE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
홈페이지  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CXA-M10A-L 데이터시트(HTML) 4 Page - Power Systems GmbH+Co.KG

  CXA-M10A-L Datasheet HTML 1Page - Power Systems GmbH+Co.KG CXA-M10A-L Datasheet HTML 2Page - Power Systems GmbH+Co.KG CXA-M10A-L Datasheet HTML 3Page - Power Systems GmbH+Co.KG CXA-M10A-L Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CXA-M10A-L (6W SINGLE & DUAL OUTPUTS, PCB MOUNTABLE)
DC-AC INVERTER UNIT
(STANDARD)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Dörnet 8 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 80
All specification are subject to change without notice.
Page ( 4 / 4 )
VER, 25 November 2003
TEST CIRCUIT


유사한 부품 번호 - CXA-M10A-L

제조업체부품명데이터시트상세설명
logo
TDK Electronics
CXA-M10A-L TDK-CXA-M10A-L Datasheet
50Kb / 4P
   On-board type, Non-dimming, 6W, For 1 and 2 bulbs
More results

유사한 설명 - CXA-M10A-L

제조업체부품명데이터시트상세설명
logo
Power Systems GmbH+Co.K...
CXA-M10M-L POWER-SYSTEMS-CXA-M10M-L Datasheet
132Kb / 4P
   DC-AC INVERTER UNIT 6W SINGLE & DUAL OUTPUTS, PCB MOUNTABLE
CXA-M10L-L POWER-SYSTEMS-CXA-M10L-L Datasheet
132Kb / 4P
   DC-AC INVERTER UNIT 6W SINGLE & DUAL OUTPUTS, PCB MOUNTABLE
CXA-L10A POWER-SYSTEMS-CXA-L10A Datasheet
146Kb / 4P
   DC-AC INVERTER UNIT 4.5W DUAL OUTPUTS, PCB MOUNTABLE TYPE
logo
TDK Electronics
CXA-L10A TDK-CXA-L10A Datasheet
43Kb / 3P
   DC-AC INVERTER UNIT (4.5W DUAL OUTPUTS, PCB MOUNTABLE TYPE)
logo
Power Systems GmbH+Co.K...
CXA-L10L POWER-SYSTEMS-CXA-L10L Datasheet
146Kb / 4P
   DC-AC INVERTER UNIT 4.5W DUAL OUTPUTS, PCB MOUNTABLE TYPE
CXA-P1012-NJL POWER-SYSTEMS-CXA-P1012-NJL Datasheet
158Kb / 4P
   DC-AC INVERTER UNIT 9.0W DUAL OUTPUTS
PS-DA0288-01-X POWER-SYSTEMS-PS-DA0288-01-X Datasheet
190Kb / 5P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0125-04 POWER-SYSTEMS-PS-DA0125-04 Datasheet
208Kb / 5P
   DC-AC INVERTER UNIT 4.5 W DUAL OUTPUTS
PS-DA0207-01 POWER-SYSTEMS-PS-DA0207-01 Datasheet
159Kb / 4P
   DC-AC INVERTER UNIT 6 W DUAL OUTPUTS
PS-DA0211-03 POWER-SYSTEMS-PS-DA0211-03 Datasheet
231Kb / 4P
   DC-AC INVERTER UNIT 11 W DUAL OUTPUTS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com