전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPCS8302 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TPCS8302
상세설명  Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8302 데이터시트(HTML) 6 Page - Toshiba Semiconductor

  TPCS8302 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8302 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8302 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8302 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8302 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8302 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8302 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPCS8302
2009-09-29
6
Drain-source voltage VDS (V)
Pulse width tw (S)
rth − tw
0.001
0.01
0.1
1
10
100
1000
(1)
(2)
(3)
(4)
Device mounted on a glass-epoxy board (a) (Note 2a)
(1) Single-device operation (Note 3a)
(2) Single-device value at dual operation (Note 3b)
Device mounted on a glass-epoxy board (b) (Note 2b)
(3) Single-device operation (Note 3a)
(4) Single-device value at dual operation (Note 3b)
t
= 10s
0.1
1
0.3
0.5
3
5
10
30
50
100
300
1000
500
Safe operating area
0.01
0.03
0.1
0.3
1
3
10
100
30
0.01
0.03
0.05
0.1
0.3
0.5
1
3
5
10
30
100
50
* Single pulse Ta
= 25°C
Curves must be derated linearly
with increase in temperature.
ID max (pulse) *
10 ms *
1 ms *
VDSS max
Single-device value at dual
operation
(Note 3b)


유사한 부품 번호 - TPCS8302

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCS8302 TOSHIBA-TPCS8302 Datasheet
369Kb / 7P
   Lithium lon Battery Applications Notebook PC Applications Portable Machines and Tools
TPCS8302 TOSHIBA-TPCS8302 Datasheet
194Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8302 TOSHIBA-TPCS8302_07 Datasheet
194Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results

유사한 설명 - TPCS8302

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCA8102 TOSHIBA-TPCA8102_06 Datasheet
295Kb / 7P
   Lithium Ion Battery Applications Notebook pc Applications Notebook PC Applications Portable Equipment Applications
TPCA8103 TOSHIBA-TPCA8103_06 Datasheet
288Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCA8025 TOSHIBA-TPCA8025 Datasheet
215Kb / 7P
   Lithium-Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8110 TOSHIBA-TPC8110_06 Datasheet
267Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8209 TOSHIBA-TPCS8209_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8204 TOSHIBA-TPCS8204_07 Datasheet
188Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8211 TOSHIBA-TPCS8211_07 Datasheet
209Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8302 TOSHIBA-TPCS8302_07 Datasheet
194Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8105 TOSHIBA-TPCS8105_07 Datasheet
255Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8210 TOSHIBA-TPC8210_07 Datasheet
275Kb / 7P
   Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
TPC8207 TOSHIBA-TPC8207_07 Datasheet
254Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com