전자부품 데이터시트 검색엔진 |
|
BA5962FVM 데이터시트(PDF) 1 Page - Rohm |
|
BA5962FVM 데이터시트(HTML) 1 Page - Rohm |
1 / 6 page 1/5 REV. A Structure : Silicon Monolithic Integrated Circuit Product Name : Power Driver For CD Players Device Name : BA5962FVM Features : • BTL driver for CD players • Use of the MSOP8 power package allows downsizing of the set. • Incorporating a level shift circuit reduces the number of external components. • A built-in thermal shutdown circuit installed. ABSOLUTE MAXIMUM RATINGS (Ta=25 °C) Parameter Symbol Limits Unit Power Supply Voltage Vcc 18 V Power Dissipation Pd 0.55 # W Operating Temperature Range Topr -35 to 85 °C Storage Temperature Range Tstg -55 to 150 °C # When mounted on PCB (the glass/epoxy board with the size: 70 mm ×70 mm, the thickness: 1.6 mm.) Over Ta=25 °C, derating at the rate of 4.4mW/°C. RECOMMENDED OPERATING CONDITIONS (To determine a power supply voltage, the power dissipation must be taken into consideration.) Parameter Symbol MIN TYP MAX Unit Power Supply Voltage Vcc 3 5 10 V This product has not been checked for the strategic materials (or service) defined in the Foreign Exchange and Foreign Trade Control Low of Japan so that a verification work is required before exporting it. Not designed for radiation resistance. |
유사한 부품 번호 - BA5962FVM_2 |
|
유사한 설명 - BA5962FVM_2 |