전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC2625-EP 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 UC2625-EP
상세설명  BRUSHLESS DC MOTOR CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC2625-EP 데이터시트(HTML) 6 Page - Texas Instruments

Back Button UC2625-EP Datasheet HTML 2Page - Texas Instruments UC2625-EP Datasheet HTML 3Page - Texas Instruments UC2625-EP Datasheet HTML 4Page - Texas Instruments UC2625-EP Datasheet HTML 5Page - Texas Instruments UC2625-EP Datasheet HTML 6Page - Texas Instruments UC2625-EP Datasheet HTML 7Page - Texas Instruments UC2625-EP Datasheet HTML 8Page - Texas Instruments UC2625-EP Datasheet HTML 9Page - Texas Instruments UC2625-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Block Diagram
22
26
25
2
QUAD SEL
RC-OSC
PWM IN
27
28
1
E/A OUT
E/A IN(+)
E/A IN (–)
OSC
S
Q
R
S
Q
R
PWM CLOCK
24
SSTART
3
ISENSE
4
ISENSE1
5
ISENSE2
19
VCC
23
OV-COAST
6
DIR
7
SPEED-IN
2X
2.5 V
250 Ω
2.9 V
Q1
10µA
3.1 V
9 V
DIRECTION
LATCH
0.25 V
PWM CLOCK
8
H1
9
H2
L
Q
D
L
Q
D
L
Q
D
10
H3
+5 V
+5 V
+5 V
EDGE
DETECT
ONE
SHOT
21
RC-BRAKE
2k
1 V
DIR
COAST
CHOP
QUAD
H2
H1
H3
BRAKE
DECODER
CROSS
CONDUCTION
PROTECTION
LATCHES
18
PUA
17
PUB
16
PUC
14
PDA
13
PDB
12
PDC
15
GND
20
TACH-OUT
11
PWR VCC
+5 V
VREF
5 V
REFERENCE
PWM
CLOCK
1.75 V
ABS VALUE
0.2 V
UC2625-EP
SLUS802 – MARCH 2008 .................................................................................................................................................................................................. www.ti.com
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :UC2625-EP


유사한 부품 번호 - UC2625-EP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2625 TI-UC2625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
UC2625 TI1-UC2625 Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
UC2625DW TI-UC2625DW Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
UC2625DW TI1-UC2625DW Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
UC2625DWG4 TI1-UC2625DWG4 Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
More results

유사한 설명 - UC2625-EP

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com