전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HC4851PWG4 데이터시트(PDF) 4 Page - Texas Instruments

부품명 SN74HC4851PWG4
상세설명  8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74HC4851PWG4 데이터시트(HTML) 4 Page - Texas Instruments

  SN74HC4851PWG4 Datasheet HTML 1Page - Texas Instruments SN74HC4851PWG4 Datasheet HTML 2Page - Texas Instruments SN74HC4851PWG4 Datasheet HTML 3Page - Texas Instruments SN74HC4851PWG4 Datasheet HTML 4Page - Texas Instruments SN74HC4851PWG4 Datasheet HTML 5Page - Texas Instruments SN74HC4851PWG4 Datasheet HTML 6Page - Texas Instruments SN74HC4851PWG4 Datasheet HTML 7Page - Texas Instruments SN74HC4851PWG4 Datasheet HTML 8Page - Texas Instruments SN74HC4851PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SN74HC4851
8CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
WITH INJECTIONCURRENT EFFECT CONTROL
SCLS542B − SEPTEMBER 2003 − REVISED JANUARY 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
UP TO 85
°C
UP TO 125
°C
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2.V
500
650
670
700
On-state
IT ≤ 2 mA,
V = V
to GND,
3 V
215
280
320
360
ron
On-state
switch resistance
IT 2 mA,
VI = VCC to GND,
VINH = VIL
3.3 V
210
270
305
345
ron
switch resistance
VINH = VIL
(see Figure 5)
4.5 V
160
210
240
270
(see Figure 5)
6 V
150
195
220
250
2.V
4
10
15
20
Difference in
IT ≤ 2 mA,
3 V
2
8
12
16
∆ron
Difference in
on-state resistance
between switches
IT ≤ 2 mA,
VI = VCC/2,
V
= V
3.3 V
2
8
12
16
∆ron
on-state resistance
between switches
VI = VCC/2,
VINH = VIL
4.5 V
2
8
12
16
INH
IL
6 V
3
9
13
18
II
Control input current
VI = VCC or GND
6 V
±0.1
±0.1
±1
µA
IS(off)
Off-state switch
leakage current
(any one channel)
VI = VCC or GND,
VINH = VIH
(see Figure 6)
6 V
±0.1
±0.5
±1
A
IS(off)
Off-state switch
leakage current
(common channel)
VI = VCC or GND,
VINH = VIH
(see Figure 7)
6 V
±0.2
±2
±4
µA
IS(on)
On-state switch
leakage current
VI = VCC or GND,
VINH = VIL
(see Figure 8)
6 V
±0.1
±0.5
±1
µA
ICC
Supply current
VI = VCC or GND
6 V
2
20
40
µA
CIC
Control input capacitance
A, B, C, INH
3.5
10
10
10
pF
CIS
Common
terminal capacitance
Switch off
22
40
40
40
pF
COS
Switch terminal capacitance
Switch off
6.7
15
15
15
pF
injection current coupling specifications, TA = −40°C to 125°C
PARAMETER
VCC
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
3.3 V
II‡ ≤ 1 mA
0.05
1
5 V
RS ≤ 3.9 kΩ
II‡ ≤ 1 mA
0.1
1
3.3 V
RS ≤ 3.9 kΩ
II‡ ≤ 10 mA
0.345
5
V
∆out
Maximum shift of output voltage of enabled analog
5 V
II‡ ≤ 10 mA
0.067
5
mV
V
∆out
Maximum shift of output voltage of enabled analog
channel
3.3 V
II‡ ≤ 1 mA
0.05
2
mV
channel
5 V
RS ≤ 20 kΩ
II‡ ≤ 1 mA
0.11
2
3.3 V
RS ≤ 20 kΩ
II‡ ≤ 10 mA
0.05
20
5 V
II‡ ≤ 10 mA
0.024
20
† Typical values are measured at TA = 25°C.
‡ II = total current injected into all disabled channels


유사한 부품 번호 - SN74HC4851PWG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HC4851PWG4 TI-SN74HC4851PWG4 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
More results

유사한 설명 - SN74HC4851PWG4

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC4851-Q100 NXP-74HC4851-Q100 Datasheet
260Kb / 21P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
74HC_HCT4851 PHILIPS-74HC_HCT4851_15 Datasheet
122Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Nexperia B.V. All right...
74HC4851-Q100 NEXPERIA-74HC4851-Q100 Datasheet
293Kb / 19P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 3 - 18 February 2020
74HC4851 NEXPERIA-74HC4851 Datasheet
310Kb / 19P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 15 May 2023
logo
Texas Instruments
SN74HC4851-Q1 TI-SN74HC4851-Q1 Datasheet
294Kb / 15P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION EFFECT CONTROL
logo
NXP Semiconductors
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HC4852-Q100 NEXPERIA-74HC4852-Q100 Datasheet
847Kb / 21P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
74HCT4852 NEXPERIA-74HCT4852 Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com