전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU16024KV 데이터시트(PDF) 6 Page - Rohm

부품명 BU16024KV
상세설명  HDMI Switch ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU16024KV 데이터시트(HTML) 6 Page - Rohm

Back Button BU16024KV Datasheet HTML 2Page - Rohm BU16024KV Datasheet HTML 3Page - Rohm BU16024KV Datasheet HTML 4Page - Rohm BU16024KV Datasheet HTML 5Page - Rohm BU16024KV Datasheet HTML 6Page - Rohm BU16024KV Datasheet HTML 7Page - Rohm BU16024KV Datasheet HTML 8Page - Rohm BU16024KV Datasheet HTML 9Page - Rohm BU16024KV Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Technical Note
6/19
BU16006KV, BU16018KV, BU16024KV, BU16027KV
www.rohm.com
2010.05 - Rev.E
© 2010 ROHM Co., Ltd. All rights reserved.
●Measurement Symbol And Circuit
Figure 1 TMDS Output Driver
TMDS
Receiver
TMDS
Driver
VID
Vcc
RINT
RINT
A
B
RT
RT
AVCC
CL
Y
Z
0.5pF
VY
VZ
VA
VB
Vswing = VY - VZ
VID = VA - VB
VA
Vcc-0.4 V
0.4 V
0 V
-0.4 V
VID(pp)
VIC
tf
80%
20%
VOD(U)
0%
0V Differential
100%
tPLH
tr
VOD(O)
VB
Vswing
tPLH
Vcc V
Figure 2 Test Circuit and Definitions
Zo = RT
Zo = RT
TMDS
Driver
TMDS
Receiver
AVcc
RT
RT


유사한 부품 번호 - BU16024KV

제조업체부품명데이터시트상세설명
logo
Rohm
BU16024KV ROHM-BU16024KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16024KV ROHM-BU16024KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16024KV ROHM-BU16024KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16024KV ROHM-BU16024KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
More results

유사한 설명 - BU16024KV

제조업체부품명데이터시트상세설명
logo
Silicon image
SII9185 SILICONIMAGE-SII9185 Datasheet
240Kb / 2P
   VastLane??HDMI Switch
logo
Sanken electric
SPF5012 SANKEN-SPF5012 Datasheet
48Kb / 1P
   Low-side Switch ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BD2061AFJ ROHM-BD2061AFJ_13 Datasheet
488Kb / 25P
   High Side Switch ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
logo
Sanken electric
SPF5009 SANKEN-SPF5009 Datasheet
49Kb / 1P
   Low-side Switch ICs
logo
Toshiba Semiconductor
TC9273N TOSHIBA-TC9273N Datasheet
391Kb / 13P
   ANALOG SWITCH ARRAY ICs
logo
Sanken electric
SPF5002A SANKEN-SPF5002A Datasheet
52Kb / 2P
   Low-side Switch ICs
logo
Rohm
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
Texas Instruments
TMDS261B TI1-TMDS261B Datasheet
11Mb / 48P
[Old version datasheet]   TWO-PORT HDMI SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com