전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL52055D 데이터시트(PDF) 7 Page - Texas Instruments

부품명 TL52055D
상세설명  WIDE-BANDWIDTH,2-INPUT,1-OUTPUT 3-CIRCUIT VIDEO SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL52055D 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TL52055D Datasheet HTML 3Page - Texas Instruments TL52055D Datasheet HTML 4Page - Texas Instruments TL52055D Datasheet HTML 5Page - Texas Instruments TL52055D Datasheet HTML 6Page - Texas Instruments TL52055D Datasheet HTML 7Page - Texas Instruments TL52055D Datasheet HTML 8Page - Texas Instruments TL52055D Datasheet HTML 9Page - Texas Instruments TL52055D Datasheet HTML 10Page - Texas Instruments TL52055D Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TL52055
WIDEBANDWIDTH, 2INPUT, 1OUTPUT
3CIRCUIT VIDEO SWITCH
SCDS169A − MAY 2004 − REVISED APRIL 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Cr In A
Cr In B
Cb In A
Cb In B
Y In A
Y In B
VCC
Cr Out
Cb Out
Y Out
10
mF
1
1
2
SW
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
10
mF
10
mF
0.1
mF
22
mF
10
mF
10
mF
10
mF
10
mF
10
mF
75
W
75
W
75
W
75
W
75
W
75
W
10
mF
Figure 5. Application of TL52055
Figure 5 shows a typical application of the TL52055 in component-video signaling. Typically, the peak-to-peak
amplitude of a component-video signal is less than 1 V. If the frequency of operation is less than 40 MHz, the
switch does not cause any loss of signal. Also, due to low crosstalk, there is no degradation of the video switch.
USAGE NOTES
1.
When using this device, the output drive current should be 5 mA or less.
2.
Voltage applied to the control pins (2, 7, and 12) should be less than the power supply voltage (VCC) and
greater than the ground voltage (GND).
3.
The types of output pins for this device are emitter follower. The drive current list below is applied inside
the device. If the drive performance is insufficient, apply external drive current within the range in step 1.
Power-Supply Voltage (VCC)
Drive Current in the Device (standard value)
5 V
1 mA
9 V
1 mA


유사한 부품 번호 - TL52055D

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL52055D TI-TL52055D Datasheet
233Kb / 10P
[Old version datasheet]   WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
TL52055DR TI-TL52055DR Datasheet
233Kb / 10P
[Old version datasheet]   WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
More results

유사한 설명 - TL52055D

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL52055 TI-TL52055 Datasheet
233Kb / 10P
[Old version datasheet]   WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
MM1238 MITSUMI-MM1238 Datasheet
91Kb / 6P
   3-Input 2-Output 3-Circuit Video Switch
MM1389 MITSUMI-MM1389 Datasheet
108Kb / 7P
   Pedestal Clamp 2-Input 1-Output 3-Circuit Video Switch
MM1231 MITSUMI-MM1231 Datasheet
143Kb / 7P
   2-Input 1-Output 3-Circuit Video Switch Monolithic IC
logo
New Japan Radio
NJM2585 NJRC-NJM2585 Datasheet
1Mb / 13P
   WIDE BAND 3-INPUT 1-OUTPUT 3-CIRCUIT VIDEO AMPLIFIER
NJM2586A NJRC-NJM2586A Datasheet
562Kb / 9P
   WIDE BAND 3-INPUT 1-OUTPUT 3-CIRCUIT VIDEO AMPLIFIER
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
   2-INPUT 1-OUTPUT VIDEO SWITCH???
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
   2-Input 1-Output Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com