전자부품 데이터시트 검색엔진 |
|
TL52055PWRE4 데이터시트(PDF) 2 Page - Texas Instruments |
|
TL52055PWRE4 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 11 page TL52055 WIDEBANDWIDTH, 2INPUT, 1OUTPUT 3CIRCUIT VIDEO SWITCH SCDS169A − MAY 2004 − REVISED APRIL 2005 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 block diagram 16 15 14 13 12 11 10 9 12 3 4 5 6 7 8 1A GND1 2B 2C 2A GND3 3B 1C 1Y GND2 2Y 3Y 3C 3A VCC 1B H H H L L L Bias Bias Bias Bias Bias Bias absolute maximum ratings over operating free-air temperature (unless otherwise noted)† Supply voltage range, VCC −0.3 V to 12 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 1): D package 73 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PW package 108 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: The package thermal impedance is calculated in accordance with JESD 51-7. recommended operating conditions MIN MAX UNIT VCC Supply voltage 4.5 9 V TA Operating free-air temperature −40 85 °C |
유사한 부품 번호 - TL52055PWRE4 |
|
유사한 설명 - TL52055PWRE4 |