전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD4E004 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD4E004
상세설명  4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPD4E004 데이터시트(HTML) 3 Page - Texas Instruments

  TPD4E004 Datasheet HTML 1Page - Texas Instruments TPD4E004 Datasheet HTML 2Page - Texas Instruments TPD4E004 Datasheet HTML 3Page - Texas Instruments TPD4E004 Datasheet HTML 4Page - Texas Instruments TPD4E004 Datasheet HTML 5Page - Texas Instruments TPD4E004 Datasheet HTML 6Page - Texas Instruments TPD4E004 Datasheet HTML 7Page - Texas Instruments TPD4E004 Datasheet HTML 8Page - Texas Instruments TPD4E004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ESD Protection
TPD4E004
4-CHANNEL ESD-PROTECTION ARRAY
FOR HIGH-SPEED DATA INTERFACES
SLVS729A – FEBRUARY 2008 – REVISED FEBRUARY 2008
VCC = 0.9 V to 5.5 V, TA = TMIN to TMAX (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VCC
Supply voltage
0.9
5.5
V
ICC
Supply current
500
nA
VF
Diode forward voltage
IF = 1 mA
0.8
V
II
Channel leakage current
±1
nA
VBR
Break-down voltage
II = 10 µA
6
8
V
CI/O
Channel input capacitance
VCC = 5 V, Bias of VCC/2, f = 10 MHz
1.6
2
pF
(1)
Typical values are at VCC = 5 V and TA = 25°C.
PARAMETER
TYP
UNIT
HBM
±15
kV
IEC 61000-4-2 Contact Discharge
±8
kV
IEC 61000-4-2 Air-Gap Discharge
±12
kV
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPD4E004


유사한 부품 번호 - TPD4E004

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD4E004 TI-TPD4E004 Datasheet
422Kb / 12P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004 TI-TPD4E004 Datasheet
185Kb / 9P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004DRLR TI-TPD4E004DRLR Datasheet
422Kb / 12P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004DRYR TI-TPD4E004DRYR Datasheet
422Kb / 12P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004DRYR TI-TPD4E004DRYR Datasheet
185Kb / 9P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results

유사한 설명 - TPD4E004

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD4E004 TI-TPD4E004_2 Datasheet
185Kb / 9P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004 TI-TPD4E004 Datasheet
422Kb / 12P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
logo
Nexperia B.V. All right...
PESD3V3X4UHC NEXPERIA-PESD3V3X4UHC Datasheet
268Kb / 11P
   4-fold ESD protection array for high-speed interfaces
13 June 2019
logo
AMAZING Microelectronic...
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ9C39-04S AMAZING-AZ9C39-04S Datasheet
196Kb / 7P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2021/04/12
AZC015-04C AMAZING-AZC015-04C Datasheet
217Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
AZC099-04S AMAZING-AZC099-04S Datasheet
174Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2013/08/27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com