전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS5320-7R 데이터시트(PDF) 10 Page - Power-One

부품명 LS5320-7R
상세설명  100 Watt AC-DC Converters with PFC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWER-ONE [Power-One]
홈페이지  http://www.power-one.com
Logo POWER-ONE - Power-One

LS5320-7R 데이터시트(HTML) 10 Page - Power-One

Back Button LS5320-7R Datasheet HTML 6Page - Power-One LS5320-7R Datasheet HTML 7Page - Power-One LS5320-7R Datasheet HTML 8Page - Power-One LS5320-7R Datasheet HTML 9Page - Power-One LS5320-7R Datasheet HTML 10Page - Power-One LS5320-7R Datasheet HTML 11Page - Power-One LS5320-7R Datasheet HTML 12Page - Power-One LS5320-7R Datasheet HTML 13Page - Power-One LS5320-7R Datasheet HTML 14Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
10/27
Switching Frequency versus Load
0.2
0.4
0.6
0.8
1
0
60
0
10
20
30
40
50
Frequency [kHz]
load [Io/Io nom]
70
80
1.2
05008
Fig. 13
Switching frequency versus load. (The boost converter at
the input stage has a fixed frequency of 100 kHz)
0
0.2
0.4
0.6
0.8
1
Io2/Io2 nom
13.5
14
14.5
15
15.5
16
[V] Uo2
Io1 = 100%
Io1 =50%
Io1 =10%
16.5
05084
01
Io2/Io2 nom
10.5
11
11.5
12.0
12.5
13
[V] Uo2
Io1 =100%
Io1 =50%
Io1 =10%
0.2
0.4
0.6
0.8
05083
Fig. 10
LS 5320:
DUo2 (typ.) vs. Io2 with different Io1.
Fig. 11
LS 5540:
DUo2 (typ.) vs. Io2 with different Io1.
00.2
0.4
0.6
0.8
1
Io2/Io2 nom
21
22
23
24
25
26
27
[V] Uo2
Io1 = 100%
Io1 =50%
Io1 =10%
05085
Fig. 12
LS 5660:
DUo2 (typ.) vs. Io2 with different Io1.
Uo2d
Uo1d
Uo1d
td
td
Ur
Ur
t
t
t
<10
µs
<10
µs
Uo1
Uo2
Io1/Io1 nom
0
0.5
1
Io2/Io2 nom
05005
Fig. 14
Typical dynamic load regulation of Uo1 and Uo2.
Dynamic Load Regulation
Hold-up Time versus Output Power
0.2
0.4
0.6
0.8
1
0
0
20
160
40
60
80
100
120
140
time [ms]
180
Io /Io nom
05013
Fig. 15
Hold-up time th versus output power.
Efficiency versus Load
0.2
0.4
0.6
0.8
1
0
0.90
0.30
0.40
0.50
0.60
0.70
0.80
Efficiency
Io/Io nom
Ui = 230 V AC
Ui = 85 V AC
05014
Fig. 16
Efficiency versus load at Ui; 230 V AC and 85 V AC


유사한 부품 번호 - LS5320-7R

제조업체부품명데이터시트상세설명
logo
Linear Integrated Syste...
LS5301 LINEAR-LS5301 Datasheet
174Kb / 1P
   VERY HIGH INPUT IMPEDANCE N-CHANNEL JFET
logo
Micross Components
LS5301 MICROSS-LS5301 Datasheet
283Kb / 1P
   N-CHANNEL JFET
LS5301 MICROSS-LS5301 Datasheet
288Kb / 1P
   N-CHANNEL JFET
LS5301 MICROSS-LS5301 Datasheet
288Kb / 1P
   N-CHANNEL JFET
LS5301 MICROSS-LS5301 Datasheet
285Kb / 1P
   N-CHANNEL JFET
More results

유사한 설명 - LS5320-7R

제조업체부품명데이터시트상세설명
logo
CINCON ELECTRONICS Corp...
CBM100S CINCON-CBM100S Datasheet
342Kb / 2P
   100 WATT AC-DC POWER SUPPLY WITH PFC
logo
Power-One
LS1001-7R POWER-ONE-LS1001-7R Datasheet
66Kb / 4P
   100 Watt AC-DC Converters
logo
Intronics Power, Inc.
AC100X INTRONICS-AC100X Datasheet
260Kb / 2P
   100 WATT OPEN FRAME AC-DC MODULES WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM101S CINCON-CFM101S Datasheet
276Kb / 2P
   100 WATT OPEN FRAME AC-DC MODULES WITH PFC
logo
Intronics Power, Inc.
AC200X INTRONICS-AC200X Datasheet
567Kb / 3P
   200 WATT AC-DC OPEN FRAME WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM200M CINCON-CFM200M Datasheet
461Kb / 3P
   200 WATT AC-DC POWER SUPPLY WITH PFC
logo
List of Unclassifed Man...
CFM361S ETC2-CFM361S Datasheet
362Kb / 3P
   360 WATT AC-DC POWER SUPPLY WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM300M CINCON-CFM300M Datasheet
478Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
logo
List of Unclassifed Man...
CQB100-110S ETC2-CQB100-110S Datasheet
158Kb / 2P
   100 WATT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
CFM300S CINCON-CFM300S Datasheet
713Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com