전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3K6C 데이터시트(PDF) 5 Page - Yamaichi Electronics Co., Ltd.

부품명 TS3K6C
상세설명  Modular Jacks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YAMAICHI [Yamaichi Electronics Co., Ltd.]
홈페이지  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

TS3K6C 데이터시트(HTML) 5 Page - Yamaichi Electronics Co., Ltd.

  TS3K6C Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. TS3K6C Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. TS3K6C Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. TS3K6C Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. TS3K6C Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. TS3K6C Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Sockets and Connectors
Trading Division
Part Numbers TS3014S-**-1
Materials and Finish
Shielding:
Brass, Nickel plating
Housing:
Thermoplastic, glass filled (UL 94V-0), colour black
Soldering Temp.: 240°C / 5 sec.
Contact:
Phosphor Bronze,
6µ“Gold plating over Nickel (mating area)
Tin plating over Nickel (solder area)
PCB-Layout (Top View)
TS Series
Modular Jacks (PCB Mounted, Shielded)
Part Number TS3009S-881
Materials and Finish
Shielding: Brass, Nickel plated
Housing: Engineering Thermoplatsic (UL94V-0)
Soldering Temp.:
240°C / 5 sec.
Contact:
Gold plating over Nickel (mating area)
Tin plating over Nickel (solder area)
PCB-Layout (Top View)
Part No.
No. of
Positions
A
B
C
* Depopulation of contacts possible
D
TS3014S-6*-1
6
13.56
10.16
6.53
13.57
TS3014S-8*-1
8
15.74
11.43
8.89
15.54
TS3014S-10*-1
10
15.74
11.43
11.43
15.54
RoHS
RoHS


유사한 부품 번호 - TS3K6C

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TS3 ETC2-TS3 Datasheet
393Kb / 5P
   Thermal Sensors MOXIE
logo
STATEK CORPORATION
TS3 STATEK-TS3 Datasheet
196Kb / 2P
   Miniature Quartz Temperature Sensor
logo
Vishay Siliconix
TS3 VISHAY-TS3 Datasheet
120Kb / 4P
   3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
Revision: 31-Jan-17
TS3 VISHAY-TS3 Datasheet
114Kb / 4P
   3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
01-Jan-2022
logo
List of Unclassifed Man...
TS3-0155-32S-P1 ETC2-TS3-0155-32S-P1 Datasheet
440Kb / 10P
   1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V
More results

유사한 설명 - TS3K6C

제조업체부품명데이터시트상세설명
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
   MODULAR JACKS
logo
TE Connectivity Ltd
RJ11-2X TEC-RJ11-2X Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
Coilcraft lnc.
PCRJ11-1 COILCRAFT-PCRJ11-1 Datasheet
157Kb / 2P
   Filtered Modular Jacks
logo
Tyco Electronics
RJ11-2X MACOM-RJ11-2X_11 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
5569256-1 MACOM-5569256-1 Datasheet
173Kb / 3P
   Stacked Modular Jacks
logo
Adam Technologies, Inc.
MTJ64021 ADAM-TECH-MTJ64021 Datasheet
151Kb / 1P
   MODULAR TELEPHONE JACKS
logo
TE Connectivity Ltd
X TEC-X_V01 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
Adam Technologies, Inc.
MTJG-12-88JX1-FSG-PG ADAM-TECH-MTJG-12-88JX1-FSG-PG Datasheet
157Kb / 1P
   MODULAR TELEPHONE JACKS GANGED & STACKED JACKS
MTJP-616L ADAM-TECH-MTJP-616L Datasheet
268Kb / 3P
   MODULAR TELEPHONE JACKS WIRE LEADED JACKS
logo
Tyco Electronics
5558503-1 MACOM-5558503-1 Datasheet
166Kb / 3P
   Multi-Port Modular Jacks
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com