전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCV304PW 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCV304PW
상세설명  200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDCV304PW 데이터시트(HTML) 2 Page - Texas Instruments

  CDCV304PW Datasheet HTML 1Page - Texas Instruments CDCV304PW Datasheet HTML 2Page - Texas Instruments CDCV304PW Datasheet HTML 3Page - Texas Instruments CDCV304PW Datasheet HTML 4Page - Texas Instruments CDCV304PW Datasheet HTML 5Page - Texas Instruments CDCV304PW Datasheet HTML 6Page - Texas Instruments CDCV304PW Datasheet HTML 7Page - Texas Instruments CDCV304PW Datasheet HTML 8Page - Texas Instruments CDCV304PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
THERMAL INFORMATION
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
CDCV304
SCAS643F – SEPTEMBER 2000 – REVISED APRIL 2009................................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
1Y[0:3]
3, 5, 7, 8
O
Buffered output clocks
CLKIN
1
I
Input reference frequency
GND
4
Power
Ground
OE
2
I
Output enable control
VDD
6
Power
Supply
THERMAL AIR FLOW (CFM)
CDCV304PW 8-PIN TSSOP
UNIT
0
150
250
500
RθJA
High K
149
142
138
132
°C/W
RθJA
Low K
230
185
170
150
°C/W
RθJC
High K
65
°C/W
RθJC
High K
69
°C/W
over operating free-air temperature range (unless otherwise noted)
(1)
UNIT
Supply voltage range, VDD
–0.5 V to 4.3 V
Input voltage range, VI
(2) (3)
–0.5 V to VDD + 0.5 V
Output voltage range, VO
(2) (3)
–0.5 V to VDD + 0.5 V
Input clamp current, IIK (VI < 0 or VI> VDD)
±50 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
±50 mA
Continuous total output current, IO (VO = 0 to VDD)
±50 mA
Package thermal impedance,
θ
JA: PW package
230.5°C/W
Storage temperature range Tstg
–65°C to 150°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
This value is limited to 4.6 V maximum.
MIN
NOM
MAX
UNIT
Supply voltage, VDD
2.3
3.6
V
Low-level input voltage, VIL
0.3 x VDD
V
High-level input voltage, VIH
0.7 x VDD
V
Input voltage, VI
0
VDD
V
VDD = 2.5 V
–12
High-level output current, IOH
mA
VDD = 3.3 V
–24
VDD = 2.5 V
12
Low-level output current, IOL
mA
VDD = 3.3 V
24
Operating free-air temperature, TA
–40
85
°C
2
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): CDCV304


유사한 부품 번호 - CDCV304PW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCV304PW TI1-CDCV304PW Datasheet
506Kb / 14P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304PWG4 TI1-CDCV304PWG4 Datasheet
506Kb / 14P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304PWR TI1-CDCV304PWR Datasheet
506Kb / 14P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304PWRG4 TI1-CDCV304PWRG4 Datasheet
506Kb / 14P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
More results

유사한 설명 - CDCV304PW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCV304 TI1-CDCV304_12 Datasheet
506Kb / 14P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304-EP TI1-CDCV304-EP_18 Datasheet
950Kb / 15P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304-EP TI1-CDCV304-EP Datasheet
502Kb / 13P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002PLPW PHILIPS-PCK2002PLPW Datasheet
66Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
logo
Texas Instruments
CDCV304 TI-CDCV304 Datasheet
112Kb / 8P
[Old version datasheet]   140-MHz PCI-X CLOCK BUFFER
logo
NXP Semiconductors
PCK2002PLPWDH-T NXP-PCK2002PLPWDH-T Datasheet
58Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002P PHILIPS-PCK2002P Datasheet
74Kb / 8P
   140 MHz PCI-X clock buffer
2001 May 09
logo
Cypress Semiconductor
CY2304NZ CYPRESS-CY2304NZ_12 Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
PulseCore Semiconductor
ASM2P2304NZ PULSECORE-ASM2P2304NZ Datasheet
175Kb / 9P
   Four Output PCI-X and General Purpose Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com