전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCV304PWG4 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCV304PWG4
상세설명  200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDCV304PWG4 데이터시트(HTML) 4 Page - Texas Instruments

  CDCV304PWG4 Datasheet HTML 1Page - Texas Instruments CDCV304PWG4 Datasheet HTML 2Page - Texas Instruments CDCV304PWG4 Datasheet HTML 3Page - Texas Instruments CDCV304PWG4 Datasheet HTML 4Page - Texas Instruments CDCV304PWG4 Datasheet HTML 5Page - Texas Instruments CDCV304PWG4 Datasheet HTML 6Page - Texas Instruments CDCV304PWG4 Datasheet HTML 7Page - Texas Instruments CDCV304PWG4 Datasheet HTML 8Page - Texas Instruments CDCV304PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SWITCHING CHARACTERISTICS
CDCV304
SCAS643F – SEPTEMBER 2000 – REVISED APRIL 2009................................................................................................................................................ www.ti.com
VDD = 3.3 V ± 10%, CL= 10 pF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tPLH
Low-to-high propagation delay
1.8
2.4
3
See Figure 1 and Figure 2
ns
tPHL
High-to-low propagation delay
1.8
2.5
3
tsk(o)
Output skew(2)
50
100
ps
12 kHz to 5 MHz, fout = 30.72 MHz
63
tjitter
Additive phase jitter from input to output 1Y0
fs rms
12 kHz to 20 MHz, fout = 125 MHz
56
tsk(p)
Pulse skew
VIH = VDD, VIL = 0 V
150
ps
tsk(pr)
Process skew
0.2
0.3
ns
tsk(pp)
Part-to-part skew
0.25
0.4
ns
66 MHz
6
thigh
Clock high time, see Figure 4
ns
140 MHz
3
66 MHz
6
tlow
Clock low time, see Figure 4
ns
140 MHz
3
tr
Output rise slew rate(3)
VO = 0.4 V to 2 V
1.5
2.7
4
V/ns
tf
Output fall slew rate(3)
VO = 2 V to 0.4 V
1.5
2.7
4
V/ns
(1)
All typical values are with respect to nominal VDD.
(2)
The tsk(o) specification is only valid for equal loading of all outputs.
(3)
This symbol is according to PCI-X terminology.
4
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): CDCV304


유사한 부품 번호 - CDCV304PWG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCV304PWG4 TI1-CDCV304PWG4 Datasheet
506Kb / 14P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
More results

유사한 설명 - CDCV304PWG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCV304 TI1-CDCV304_12 Datasheet
506Kb / 14P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304-EP TI1-CDCV304-EP_18 Datasheet
950Kb / 15P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304-EP TI1-CDCV304-EP Datasheet
502Kb / 13P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002PLPW PHILIPS-PCK2002PLPW Datasheet
66Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
logo
Texas Instruments
CDCV304 TI-CDCV304 Datasheet
112Kb / 8P
[Old version datasheet]   140-MHz PCI-X CLOCK BUFFER
logo
NXP Semiconductors
PCK2002PLPWDH-T NXP-PCK2002PLPWDH-T Datasheet
58Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002P PHILIPS-PCK2002P Datasheet
74Kb / 8P
   140 MHz PCI-X clock buffer
2001 May 09
logo
Cypress Semiconductor
CY2304NZ CYPRESS-CY2304NZ_12 Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
PulseCore Semiconductor
ASM2P2304NZ PULSECORE-ASM2P2304NZ Datasheet
175Kb / 9P
   Four Output PCI-X and General Purpose Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com