전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPL9202PWPR 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TPL9202PWPR
상세설명  8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPL9202PWPR 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPL9202PWPR Datasheet HTML 4Page - Texas Instruments TPL9202PWPR Datasheet HTML 5Page - Texas Instruments TPL9202PWPR Datasheet HTML 6Page - Texas Instruments TPL9202PWPR Datasheet HTML 7Page - Texas Instruments TPL9202PWPR Datasheet HTML 8Page - Texas Instruments TPL9202PWPR Datasheet HTML 9Page - Texas Instruments TPL9202PWPR Datasheet HTML 10Page - Texas Instruments TPL9202PWPR Datasheet HTML 11Page - Texas Instruments TPL9202PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ti.com
Serial Communications Interface
IN1
LSB
IN7
IN6
IN5
IN4
IN3
IN2
IN8
MSB
XXX
T1
T5
T8
T2
T4
T3
T1
NCS
SCLK
MOSI
1
2
3
4
5
6
7
8
T7
T6
TPL9202
8-CHANNEL RELAY DRIVER
WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
SLIS124D – JUNE 2006 – REVISED FEBRUARY 2008
The serial communications are an 8-bit format, with data transfer synchronized using a serial clock from the
microcontroller (see Figure 1). A single register controls all the outputs. The signal gives the instruction to control
the output of TPL9202.
The NCS signal enables the SCLK and MOSI data when it is low. After NCS is set to low for T1, synchronization
clock and data begin to transmit and, after the 8-bit data has been transmitted, NCS is set high again to disable
SCLK and MOSI and to transfer the serial data to the control register. SCLK must be held low when NCS is high.
Figure 1. Serial Communications
8
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TPL9202


유사한 부품 번호 - TPL9202PWPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL9202PWPR TI-TPL9202PWPR Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9202PWPRG4 TI-TPL9202PWPRG4 Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
More results

유사한 설명 - TPL9202PWPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL9202 TI-TPL9202 Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9201 TI-TPL9201_07 Datasheet
624Kb / 19P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
logo
Allegro MicroSystems
A2550 ALLEGRO-A2550 Datasheet
530Kb / 15P
   Relay Driver with 5 V Regulator
logo
ON Semiconductor
NCS2584 ONSEMI-NCS2584 Datasheet
268Kb / 17P
   Four-Channel Video Driver with Load Detection and Signal Detection
August, 2012 ??Rev. 0
logo
National Semiconductor ...
COP840CJ NSC-COP840CJ Datasheet
479Kb / 36P
   8-Bit Microcontrollers with Multi-Input Wake-Up and Brown Out Detector
COPCJ820 NSC-COPCJ820 Datasheet
408Kb / 32P
   8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
logo
ON Semiconductor
MDC3105 ONSEMI-MDC3105_1 Datasheet
426Kb / 2P
   5 V Relay Driver Socket
Rev.0,Aug.2006
logo
NXP Semiconductors
PCA9922 NXP-PCA9922 Datasheet
144Kb / 26P
   8-channel constant current LED driver with output error detection
Rev. 01-15 January 2009
PCA9922 NXP-PCA9922_11 Datasheet
255Kb / 27P
   8-channel constant current LED driver with output error detection
Rev. 2-6 April 2011
logo
Diodes Incorporated
DMN61D8LVTQ DIODES-DMN61D8LVTQ_16 Datasheet
349Kb / 7P
   INTEGRATED RELAY AND INDUCTIVE LOAD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com