전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A4594DBVR 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TS5A4594DBVR
상세설명  SINGLE-CHANNEL 8-R SPST ANALOG SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5A4594DBVR 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TS5A4594DBVR Datasheet HTML 3Page - Texas Instruments TS5A4594DBVR Datasheet HTML 4Page - Texas Instruments TS5A4594DBVR Datasheet HTML 5Page - Texas Instruments TS5A4594DBVR Datasheet HTML 6Page - Texas Instruments TS5A4594DBVR Datasheet HTML 7Page - Texas Instruments TS5A4594DBVR Datasheet HTML 8Page - Texas Instruments TS5A4594DBVR Datasheet HTML 9Page - Texas Instruments TS5A4594DBVR Datasheet HTML 10Page - Texas Instruments TS5A4594DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TS5A4594
SINGLECHANNEL 8 W SPST ANALOG SWITCH
SCDS179 – FEBRUARY 2005
www.ti.com
7
TYPICAL PERFORMANCE
0
2
4
6
8
10
012
345
Figure 1. ron vs VCOM
V+ = 5 V
VCOM (V)
V+ = 3 V
TA = 25_C
0
2
4
6
8
012
345
Figure 2. ron vs VCOM (V+ = 5 V)
VCOM (V)
85
5C
25
5C
–40
5C
0
2
4
6
8
10
0123
Figure 3. ron vs VCOM (V+ = 3 V)
VCOM (V)
85
5C
25
5C
–40
5C
0.0
0.2
0.4
0.6
0.8
1.0
TA (°C)
Figure 4. Leakage Current vs Temperature
(V+ = 5 V)
−40
°C25°C85°C
ICOM(ON)/INO(ON)
INO(OFF)/ICOM(OFF)
−3.0
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
012
345
Bias Voltage (V)
Figure 5. Charge-Injection (QC) vs VCOM
.5
1
0
.5
1
.5
2
V+ = 3 V
V+ = 5 V
6
8
10
12
14
16
18
20
012
34
56
V+ (V)
Figure 6. tON and tOFF vs Supply Voltage
tON
tOFF


유사한 부품 번호 - TS5A4594DBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A4594DBVR TI-TS5A4594DBVR Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4594DBVRE4 TI-TS5A4594DBVRE4 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
More results

유사한 설명 - TS5A4594DBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A4595 TI1-TS5A4595_14 Datasheet
700Kb / 18P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE- CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_1 Datasheet
152Kb / 13P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE-CHANNEL ANALOG SWITCH
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596_15 Datasheet
871Kb / 21P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com