전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ULN2003ADE4 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 ULN2003ADE4
상세설명  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

ULN2003ADE4 데이터시트(HTML) 7 Page - Texas Instruments

Back Button ULN2003ADE4 Datasheet HTML 3Page - Texas Instruments ULN2003ADE4 Datasheet HTML 4Page - Texas Instruments ULN2003ADE4 Datasheet HTML 5Page - Texas Instruments ULN2003ADE4 Datasheet HTML 6Page - Texas Instruments ULN2003ADE4 Datasheet HTML 7Page - Texas Instruments ULN2003ADE4 Datasheet HTML 8Page - Texas Instruments ULN2003ADE4 Datasheet HTML 9Page - Texas Instruments ULN2003ADE4 Datasheet HTML 10Page - Texas Instruments ULN2003ADE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ULN2002A, ULN2003A, ULN2003AI, ULN2004A
ULQ2003A, ULQ2004A
www.ti.com
SLRS027J – DECEMBER 1976 – REVISED JUNE 2010
SWITCHING CHARACTERISTICS
TA = 25°C
ULN2002A, ULN2003A,
ULN2004A
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
tPLH
Propagation delay time, low- to high-level output
See Figure 9
0.25
1
ms
tPHL
Propagation delay time, high- to low-level output
See Figure 9
0.25
1
ms
VOH
High-level output voltage after switching
VS = 50 V, IO = 300 mA, See Figure 10
VS – 20
mV
SWITCHING CHARACTERISTICS
TA = 25°C
ULN2003AI
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
tPLH
Propagation delay time, low- to high-level output
See Figure 9
0.25
1
ms
tPHL
Propagation delay time, high- to low-level output
See Figure 9
0.25
1
ms
VOH
High-level output voltage after switching
VS = 50 V, IO ≈ 300 mA, See Figure 10
VS – 20
mV
SWITCHING CHARACTERISTICS
TA = –40°C to 105°C
ULN2003AI
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
tPLH
Propagation delay time, low- to high-level output
See Figure 9
1
10
ms
tPHL
Propagation delay time, high- to low-level output
See Figure 9
1
10
ms
VOH
High-level output voltage after switching
VS = 50 V, IO ≈ 300 mA, See Figure 10
VS – 50
mV
SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
ULQ2003A, ULQ2004A
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
tPLH
Propagation delay time, low- to high-level output
See Figure 9
1
10
ms
tPHL
Propagation delay time, high- to low-level output
See Figure 9
1
10
ms
VOH
High-level output voltage after switching
VS = 50 V, IO = 300 mA, See Figure 10
VS – 20
mV
Copyright © 1976–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ULN2002A ULN2003A ULN2003AI ULN2004A ULQ2003A ULQ2004A


유사한 부품 번호 - ULN2003ADE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ULN2003ADE4 TI-ULN2003ADE4 Datasheet
513Kb / 19P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2003ADE4 TI-ULN2003ADE4 Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2003ADE4 TI1-ULN2003ADE4 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2003ADE4 TI1-ULN2003ADE4 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULN2003ADE4 TI1-ULN2003ADE4 Datasheet
1Mb / 39P
[Old version datasheet]   ULN200x, ULQ200x High-Voltage, High-Current Darlington Transistor Arrays
JULY 2022
More results

유사한 설명 - ULN2003ADE4

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULQ2003A-Q1 TI1-ULQ2003A-Q1_15 Datasheet
984Kb / 25P
[Old version datasheet]   High-Voltage High-Current Darlington Transistor Arrays
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
   High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com