전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPC-98210-4711 데이터시트(PDF) 4 Page - Yamaichi Electronics Co., Ltd.

부품명 FPC-98210-4711
상세설명  ZIF for FFC / FPC Connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YAMAICHI [Yamaichi Electronics Co., Ltd.]
홈페이지  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

FPC-98210-4711 데이터시트(HTML) 4 Page - Yamaichi Electronics Co., Ltd.

  FPC-98210-4711 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. FPC-98210-4711 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. FPC-98210-4711 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. FPC-98210-4711 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. FPC-98210-4711 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
D-7
Internal
Connectors
Trading Division
FPC-98210-04*1
8.50
1.50
2.60
FPC-98210-05*1
9.00
2.00
3.10
FPC-98210-06*1
9.50
2.50
3.60
FPC-98210-07*1
10.00
3.00
4.10
FPC-98210-08*1
10.50
3.50
4.60
FPC-98210-0911
11.00
4.00
5.10
FPC-98210-10*1
11.50
4.50
5.60
FPC-98210-11*1
12.00
5.00
6.10
FPC-98210-12*1
12.50
5.50
6.60
FPC-98210-13*1
13.00
6.00
7.10
FPC-98210-14*1
13.50
6.50
7.60
FPC-98210-15*1
14.00
7.00
8.10
FPC-98210-16*1
14.50
7.50
8.60
FPC-98210-17*1
15.00
8.00
9.10
FPC-98210-18*1
15.50
8.50
9.60
FPC-98210-1911
16.00
9.00
10.10
FPC-98210-20*1
16.50
9.50
10.60
FPC-98210-21*1
17.00
10.00
11.10
FPC-98210-22*1
17.50
10.50
11.60
FPC-98210-23*1
18.00
11.00
12.10
FPC-98210-24*1
18.50
11.50
12.60
FPC-98210-25*1
19.00
12.00
13.10
FPC-98210-26*1
19.50
12.50
13.60
FPC-98210-27*1
20.00
13.00
14.10
FPC-98210-28*1
20.50
13.50
14.60
FPC-98210-2911
21.00
14.00
15.10
FPC-98210-30*1
21.50
14.50
15.60
FPC-98210-3111
22.00
15.00
16.10
FPC-98210-32*1
22.50
15.50
16.60
FPC-98210-33*1
23.00
16.00
17.10
FPC-98210-34*1
23.50
16.50
17.60
FPC-98210-36*1
24.50
17.50
18.60
FPC-98210-3711
25.00
18.00
19.10
FPC-98210-38*1
25.50
18.50
19.60
FPC-98210-39*1
26.00
19.00
20.10
FPC-98210-40*1
26.50
19.50
20.60
FPC-98210-4111
27.00
20.00
21.10
FPC-98210-4211
27.50
20.50
21.60
FPC-98210-4311
28.00
21.00
22.10
FPC-98210-4411
28.50
21.50
22.60
FPC-98210-45*1
29.00
22.00
23.10
FPC-98210-4611
29.50
22.50
23.60
FPC-98210-47*1
30.00
23.00
24.10
FPC-98210-48*1
30.50
23.50
24.60
FPC-98210-4911
31.00
24.00
25.10
FPC-98210-50*1
31.50
24.50
25.60
FPC-98210-
**
*1
T&R
Part Number (Details)
Specifications
Insulation Resistance:
100M
Ω minimum
Contact Resistance:
20m
Ω maximum
Withstanding Voltage:
500V ACrms for 1 minute
Voltage Rating:
50V DC
Current Rating:
0.5A
Operating Temp. Range: -20°C to +85°C
Solder Temperature:
230°C min. / 60 sec., 250°C peak
Mating Cycles:
min 30 times
Materials and Finish
Housing: High-Temp. Thermoplastic (UL94V-0)
Actuator: High-Temp. Thermoplastic (UL94V-0)
Contacts: Copper Alloy, Tin Plated
Features
90° SMT Zero Insertion Force connector for 0.50mm
Flexible Flat Cable (FFC) and Flexible Printed Circuit (FPC) appliances
Top or bottom contact type
Outline Dimensions for Top Contact
Recommended FPC Cable
Recommended PCB Layouts
Contacts (side view)
Series No.
No. of Contacts:
4 to 50 pins
1 = Top Contact
2 = Bottom Contact
T&R: Tape and Reel 2,000pcs/reel
Top Contact
Bottom Contact
Thickness t=0.30 ±0.03mm
Series ZIF
ZIF for FFC / FPC Connector 0.5mm Pitch 90° SMT
Contact point
Contact point
Part Number
Dim. A. Dim. B. Dim. C
Part Number
Dim. A. Dim. B. Dim. C
Part Number
Dim. A. Dim. B.
Dim. C


유사한 부품 번호 - FPC-98210-4711

제조업체부품명데이터시트상세설명
logo
SHIELD s.r.l.
FPC SHIELD-FPC Datasheet
291Kb / 2P
   MAGNETIC SWITCHES
logo
Dielectric Laboratories...
FPC06073 DILABS-FPC06073 Datasheet
351Kb / 2P
   4 to 8GHz 10dB Directional Coupler
logo
Knowles Electronics
FPC06073 KNOWLES-FPC06073 Datasheet
351Kb / 2P
   4 to 8GHz 10dB Directional Coupler
logo
Dielectric Laboratories...
FPC06074 DILABS-FPC06074 Datasheet
300Kb / 2P
   8 to 12GHz 10dB Directional Coupler
logo
Knowles Electronics
FPC06074 KNOWLES-FPC06074 Datasheet
300Kb / 2P
   8 to 12GHz 10dB Directional Coupler
More results

유사한 설명 - FPC-98210-4711

제조업체부품명데이터시트상세설명
logo
Cvilux Corporation
CFXXXH0RA-05-NH CVILUX-CFXXXH0RA-05-NH Datasheet
243Kb / 2P
   0.50mm(.020") ZIF FFC/FPC BACK FLIP CONNECTOR
21.09.16
CF50XXXD0XX-10-NH CVILUX-CF50XXXD0XX-10-NH Datasheet
785Kb / 3P
   1.00mm(039") ZIF FFC/FPC ONE-TOUCH CONNECTOR
14.11.14
CF25XX1D0X0-10-NH CVILUX-CF25XX1D0X0-10-NH Datasheet
201Kb / 2P
   1.00mm(.039) ZIF FFC/FPC ONE-TOUCH CONNECTOR
22-08-2
CF31XX1D0XX-05-NH CVILUX-CF31XX1D0XX-05-NH Datasheet
780Kb / 3P
   0.50mm(,0207) ZIF FFC/FPC ONE-TOUCH CONNECTOR
22.02.17
CF35XXXD0RD-NH CVILUX-CF35XXXD0RD-NH Datasheet
232Kb / 3P
   0.50mm(.020") ZIF FFC/FPC ONE-TOUCH CONNECTOR (Enhanced version)
20.10.23
CF35XXXD0RE-NH CVILUX-CF35XXXD0RE-NH Datasheet
718Kb / 3P
   0.50mm(.020”) ZIF FFC/FPC ONE-TOUCH CONNECTOR (Enhanced version)
20.05.28
logo
Molex Electronics Ltd.
52435-2472 MOLEX11-52435-2472 Datasheet
520Kb / 5P
   0.5 FPC CONN ZIF FOR SMT
0527930470 MOLEX-0527930470_V01 Datasheet
34Kb / 2P
   1.00mm Pitch Easy-On FFC/FPC Connector, Surface Mount, Right-Angle, Non-ZIF, 1.00mm Pitch Easy-On FFC/FPC Connector, Surface Mount, Right-Angle, Non-ZIF,
0358021229 MOLEX5-0358021229 Datasheet
323Kb / 4P
   1.00mm (.039") Pitch FFC/FPC Connector, Vertical, Non-ZIF, Yes, 12 Circuits
0526102071 MOLEX7-0526102071 Datasheet
514Kb / 9P
   1.00mm (.039") Pitch FFC/FPC Connector, SMT, Vertical, ZIF Receptacle, 20 Circuits,
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com