전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS1W-CLK 데이터시트(PDF) 2 Page - Omron Electronics LLC

부품명 CS1W-CLK
상세설명  SYSMAC CS-series Controller Link Units
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-CLK 데이터시트(HTML) 2 Page - Omron Electronics LLC

  CS1W-CLK Datasheet HTML 1Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 2Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 3Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 4Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 5Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 6Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 7Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 8Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
CS1W-CLK
System Configuration
Wired Controller Link Units
A: Wired Controller Link Unit
(1): Twisted-pair cable
B: Wired Controller Link Support Board
(2): Optical cable
C: Wire-to-Optical Repeater Unit
D: Wire-to-Wire Repeater Unit
* At 500 kbits/s
Optical Controller Link Units
A: Optical Ring Controller Link Unit
B: Optical Ring Controller Link Support Board
(1): Optical cable
Basic Wiring (Daisy Chain Connections)
T-Branch Wiring and Partial Conversion to
Optical Cable
Long-distance Wiring
Token Ring Mode
Token Bus Mode
AA
B
1 km Max. *
A
B
A
(1)
AA
B
AA
A
B
D
C
(2)
C
(1)
(1)
(1)
AA
B
A
D
1 km Max. *
1 km Max. *
1 km Max. *
D
(1)
(1)
(1)
AA
AAA
B
B
(1)
AA
AAA
B
B
(1)


유사한 부품 번호 - CS1W-CLK

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
CS1W-CLK13 OMRON-CS1W-CLK13 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
CS1W-CLK23 OMRON-CS1W-CLK23 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
CS1W-CLK53 OMRON-CS1W-CLK53 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

유사한 설명 - CS1W-CLK

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
CJ1W-CLK OMRON-CJ1W-CLK Datasheet
929Kb / 11P
   SYSMAC CJ-series Controller Link Units
CS1W-EIP21 OMRON-CS1W-EIP21 Datasheet
543Kb / 8P
   SYSMAC CS-series EtherNet/IP Unit
CJ1M OMRON-CJ1M Datasheet
526Kb / 12P
   SYSMAC CJ-series CJ1M CPU Units
CJ2M-CPU35 OMRON-CJ2M-CPU35 Datasheet
850Kb / 17P
   SYSMAC CJ-series CJ2M CPU Units
CJ1M-CPU13-ETN OMRON-CJ1M-CPU13-ETN Datasheet
452Kb / 15P
   SYSMAC CJ-series CJ1M CPU Units (with Ethernet function)
CJ2M-CPU35_1007 OMRON-CJ2M-CPU35_1007 Datasheet
4Mb / 30P
   SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
CJ1W-MCH72 OMRON-CJ1W-MCH72 Datasheet
3Mb / 374P
   Programmable Controller SYSMAC CJ-series CJ1W-MCH72
logo
List of Unclassifed Man...
C200H-AD001 ETC1-C200H-AD001 Datasheet
287Kb / 61P
   SYSMAC C200H-AD001/DA001 Analog I/O Units
logo
Omron Electronics LLC
CJ1W-EIP21 OMRON-CJ1W-EIP21 Datasheet
581Kb / 8P
   SYSMAC CJ-series EtherNet/IP Unit
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
   VAN Data Link Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com