전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLD10UCY 데이터시트(PDF) 1 Page - Power-One

부품명 SLD10UCY
상세설명  SLD10 Series . 10A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWER-ONE [Power-One]
홈페이지  http://www.power-one.com
Logo POWER-ONE - Power-One

SLD10UCY 데이터시트(HTML) 1 Page - Power-One

  SLD10UCY Datasheet HTML 1Page - Power-One SLD10UCY Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief
SLD10 Series – 10A Non-Isolated DC/DC Converter
5V, 3.3V Input
Dual Output
REV. 07/01
Page 1 of 2
www.power-one.com
Features
Two independently regulated outputs
Efficiency in excess of 90%
10A of combined output current at 65°C and
200LFM
Flexible output load distribution
Output overcurrent protection
Remote ON/OFF
Output voltage trim adjust for each output
Straight and right angle pins configurations
Description
The SLD10 series of DC/Dc converters provide two independently regulated low-voltage outputs from a
single 3.3V or 5V input.
Each output can provide up to 6A of output current and has an independent
feedback loop and an independent trim function. These non-isolated point-of-load converters are through
hole mounted. High efficiency, low space requirements, and flexible loading characteristics make these
converters ideal multivoltage sources for powering ASICs.
3.3V Input
5 V Input
3.3V input
Model
Input
voltage
range, VDC
Vout1,
VDC
Vout2,
VDC
Eff.
%
5V input
Model
Input
voltage
range, VDC
Vout1,
VDC
Vout2,
VDC
Eff.
%
SLD10UDD
3.0-3.6
2.5
2.5
92
SLD10VEE
4.5-5.5
3.3
3.3
93
SLD10UDC
3.0-3.6
2.5
2.0
92
SLD10VED
4.5-5.5
3.3
2.5
93
SLD10UDB
3.0-3.6
2.5
1.8
92
SLD10VEC
4.5-5.5
3.3
2.0
92
SLD10UDA
3.0-3.6
2.5
1.5
90
SLD10VEB
4.5-5.5
3.3
1.8
92
SLD10UDY
3.0-3.6
2.5
1.2
89
SLD10VEA
4.5-5.5
3.3
1.5
91
SLD10UCC
3.0-3.6
2.0
2.0
91
SLD10VEY
4.5-5.5
3.3
1.2
91
SLD10UCB
3.0-3.6
2.0
1.8
90
SLD10VDD
4.5-5.5
2.5
2.5
92
SLD10UCA
3.0-3.6
2.0
1.5
89
SLD10VDC
4.5-5.5
2.5
2.0
91
SLD10UCY
3.0-3.6
2.0
1.2
88
SLD10VDB
4.5-5.5
2.5
1.8
91
SLD10UBB
3.0-3.6
1.8
1.8
89
SLD10VDA
4.5-5.5
2.5
1.5
90
SLD10UBA
3.0-3.6
1.8
1.5
88
SLD10VDY
4.5-5.5
2.5
1.2
89
SLD10UBY
3.0-3.6
1.8
1.2
87
SLD10VCC
4.5-5.5
2.0
2.0
90
SLD10UAA
3.0-3.6
1.5
1.5
87
SLD10VCB
4.5-5.5
2.0
1.8
90
SLD10UAY
3.0-3.6
1.5
1.2
86
SLD10VCA
4.5-5.5
2.0
1.5
89
SLD10UYY
3.0-3.6
1.2
1.2
85
SLD10VCY
4.5-5.5
2.0
1.2
88
SLD10VBB
4.5-5.5
1.8
1.8
89
SLD10VBA
4.5-5.5
1.8
1.5
88
SLD10VBY
4.5-5.5
1.8
1.2
87
SLD10VAA
4.5-5.5
1.5
1.5
87
SLD10VAY
4.5-5.5
1.5
1.2
86
Both outputs of the SLD10U and SLD10V can be loaded up to
six (6) amps each.
Note: The maximum combined output is ten (10) amps.
SLD10VYY
4.5-5.5
1.2
1.2
85


유사한 부품 번호 - SLD10UCY

제조업체부품명데이터시트상세설명
logo
Littelfuse
SLD10U-017 LITTELFUSE-SLD10U-017 Datasheet
104Kb / 2P
   Silicon Avalanche Diodes - Axial Leaded High Power Automotive Transient Voltage Suppressors
SLD10U-017 LITTELFUSE-SLD10U-017 Datasheet
132Kb / 4P
   Transient Voltage Suppression Diodes
SLD10U-017 LITTELFUSE-SLD10U-017 Datasheet
3Mb / 146P
   TVS Diode Products
SLD10U-017-B LITTELFUSE-SLD10U-017-B Datasheet
132Kb / 4P
   Transient Voltage Suppression Diodes
SLD10U-017 LITTELFUSE-SLD10U-017_09 Datasheet
132Kb / 4P
   Transient Voltage Suppression Diodes
More results

유사한 설명 - SLD10UCY

제조업체부품명데이터시트상세설명
logo
Bel Fuse Inc.
VRPC-10B BEL-VRPC-10B Datasheet
215Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
V7PC-10B BEL-V7PC-10B Datasheet
291Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
V7PB-10B BEL-V7PB-10B Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
VRPB-10B BEL-VRPB-10B Datasheet
248Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
logo
Power-One
PHD32UDD POWER-ONE-PHD32UDD Datasheet
53Kb / 2P
   PHD32 Series . 32A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
PLD08UDD POWER-ONE-PLD08UDD Datasheet
88Kb / 2P
   PLD08 Series . 8A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
logo
Bel Fuse Inc.
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
VRPC-04C BEL-VRPC-04C Datasheet
96Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com