전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K10P-11A15-6 데이터시트(PDF) 3 Page - Tyco Electronics

부품명 K10P-11A15-6
상세설명  15 Amp General Purpose Miniature Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

K10P-11A15-6 데이터시트(HTML) 3 Page - Tyco Electronics

  K10P-11A15-6 Datasheet HTML 1Page - Tyco Electronics K10P-11A15-6 Datasheet HTML 2Page - Tyco Electronics K10P-11A15-6 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
722
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Recommended chassis
thickness .039" (.99mm) to
.079" (2.01mm).
Socket punch
Greenlee part
5015115.0, Type 731R
available from
Greenlee Tool Co.,
Rockford, Illinois.
37D633 will mount eight 27E488 sock-
ets in one length of aluminum strip mea-
suring 10.97" x 2.25" x .062".
(278.64 x 57.15 x 1.57)
Sockets for K10 series relays are rated 10 amps, and are UL recongnized, File E59244, and CSA certified, File LR15734.
27E895
27E487
20C426
Screw Terminals, DIN Rail Snap-Mount
Screw Terminals
Hold Down Spring
(Use with mounting track 24A110)
For 27E487 & 27E895
27E489
Printed Circuit Terminals
P.C. Board Layout For Socket
Caution: Printed circuit sockets are manufac-
tured with "floating" (loose) terminals. This per-
mits them to align with holes in the circuit board
and with the relay terminals. During the mount-
ing and soldering of the socket, vertical float
should be eliminated and the terminals seated
on the board. (This may be accomplished by
inserting a dummy relay in the socket.) Failure to
eliminate float may cause fracture of the solder
joint or separation of the copper conductor from
the printed circuit board when a relay is inserted
in the socket after soldering.
Note: P.C. terminal socket will also fit P.C. board
layout for relay. However, in order to accomplish
this, terminals must be formed accordingly.
27E488
20C217
Chassis Cutout For
37D633
Pierced Solder Terminals
Hold Down
Mounting 27E488
Mounting Strip
Spring For
Socket
27E488 & 27E489
.070
(1.78)
.012
(0.30)
.075
(1.90)
.440
(11.18)
.844
(21.44)
1.158
(29.41)
.770
(19.56)
.072 x .140
(1.83 x 3.56)
.25
(6.4)
1.388
(35.26)
.629
(15.98)
1.388
(35.26)
.090 R.
(2.29)
1.323
(33.60)
.617
(15.67)
1.750
(44.45)
1.015
(25.78)
.32
(8.1)
.090
(2.29)
.180
(4.57)
.16
(4.1)
.429
(10.90)
.065
(1.65)
.859
(21.79)
.13
(3.3)
.850
± .0 05
(21.79
± .13)
1.015
± .0 05
(28.07
± .13)
.672
(17.07)
.417
(10.59)
.185
(4.70)
.113
(2.87)
.507
(12.88)
.620
(15.75)
.086 DIA. TYP.
(2.18)
.184
(4.69)
.012
(0.30)
.075
(1.90)
.440
(11.18)
.844
(21.44)
1.158
(29.41)
.078
(1.98)
2.598
(65.99)
1.178
(29.92)
.995
(25.27)
.170 TYP.
(4.32)
.315 TYP.
(8.00)
.669
(16.99)
1.299
(32.99)
43
2
1
6
5
8
7
B
A
1.036
(26.31)
1.130
(28.70)
2.750
(69.85)
1.385
(35.18)
1.045
(26.54)
.156 TYP.
(3.96).
.313 TYP.
(7.94)
43
2
1
6
5
8
7
.312
(7.92)
1.375
(34.93)
Terminal
Location
Terminal
Location
Sockets and Accessories for K10 Relays


유사한 부품 번호 - K10P-11A15-6

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
K10P-11A15-6 MACOM-K10P-11A15-6 Datasheet
172Kb / 3P
   K10 Series Miniature Relay
More results

유사한 설명 - K10P-11A15-6

제조업체부품명데이터시트상세설명
logo
Picker Components
PC113 PICKER-PC113_17 Datasheet
456Kb / 2P
   Miniature 12 & 20 Amp General Purpose Relay
PC118 PICKER-PC118_17 Datasheet
1Mb / 2P
   Miniature 4 Pole 5 Amp General Purpose Relay
logo
DB Lectro Inc
HG4104 DBLECTRO-HG4104 Datasheet
144Kb / 4P
   Miniature General Purpose Relay
logo
American Zettler, Inc.
AZ420 AZETTLER-AZ420 Datasheet
292Kb / 8P
   MINIATURE GENERAL PURPOSE RELAY
logo
DB Lectro Inc
HG4104L DBLECTRO-HG4104L Datasheet
133Kb / 4P
   Miniature General Purpose Relay
logo
List of Unclassifed Man...
AZ429-C07-10LUS ETC2-AZ429-C07-10LUS Datasheet
321Kb / 8P
   MINIATURE GENERAL PURPOSE RELAY
logo
ZETTLER Electronics
AZ943 ZETTLER-AZ943 Datasheet
45Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ943 AZETTLER-AZ943 Datasheet
109Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ943H AZETTLER-AZ943H Datasheet
116Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ9431 AZETTLER-AZ9431 Datasheet
106Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com