전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NBX-10977-PL 데이터시트(PDF) 1 Page - Bud Industries, Inc.

부품명 NBX-10977-PL
상세설명  LARGE NON-METALLIC ENCLOSURES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BUD [Bud Industries, Inc.]
홈페이지  http://www.budind.com
Logo BUD - Bud Industries, Inc.

NBX-10977-PL 데이터시트(HTML) 1 Page - Bud Industries, Inc.

  NBX-10977-PL Datasheet HTML 1Page - Bud Industries, Inc. NBX-10977-PL Datasheet HTML 2Page - Bud Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BUD INDUSTRIES, INC. • 4605 E. 355th Street • Willoughby,
Ohio 44094 • (440) 946-3200 • Fax (440) 951-4015
E-MAIL: saleseast@budind.com • WEB SITE: www.budind.com
BUD WEST • 10000 N 31st Ave. Suite D-401 • Phoenix, Arizona
85051 • (602) 870-8377 • Fax (602) 870-8477
LARGE NON-METALLIC
ENCLOSURES
OPTIONAL ACCESSORY
Plastic Internal Panels
Ordering Information
Size
Catalog
Number
Inches
mm
Fits Enclosure
NBX-10975-PL
2.56
x
3.56
65
x
90.5
NBB-10220, NBB-10230, NBB-22220
NBX-10976-PL
2.56
x
4.55
65
x
115
NBB-10221, NBB-10231, NBB-22221
NBX-10977-PL
2.56
x
6.50
65
x
165
NBB-10222, NBB-10232, NBB-22222
NBX-10978-PL
2.56
x
9.25
65
x
235
NBB-10223, NBB-10233, NBB-22223
NBX-10979-PL
5.37
x
9.25
136
x
235
NBB-10241, NBB-10261, NBB-22241
NBX-10980-PL
6.7
x
10.5
170
x
267
NBA-10142, NBA-10162, NBA-10144, NBA-10164, NBB-
32640
NBX-10981-PL
10.4
x
14.3
265
x
362
NBA-10148, NBA-10168, NBB-32647
NBX-10982-PL
14.3
x
18.2
362
x
463
NBA-10152, NBA-10172, NBB-32653
NBX-10984-PL
4.9
x
4.9
124
x
124
NBB-10240, NBB-10260, NBB-32640, NBB-32640
NBX-10985-PL
6.3
x
9.9
161
x
251
NBB-10243, NBB-10263, NBD-10442,
NBD-10462, NBE-10543, NBE-10563
NBX-10986-PL
11.5
x
11.5
291
x
291
NBB-10245, NBB-10265
NBX-10987-PL
10.4
x
14.3
265
x
362
NBB-10247, NBB-10267, NBE-10547, NBE-10567
NBX-10988-PL
10.4
x
14.3
265
x
362
NBB-10251, NBB-10271, NBB-22251
NBX-10990-PL
13.1
x
17.6
333
x
447
NBB-10253, NBB-10273, NBE-10553, NBE-10573
NBX-10994-PL
6.3
x
13.9
161
x
352
NBD-10445, NBD-10465
NBX-10996-PL
9.9
x
12.3
251
x
312
NBD-10449, NBD-10469
NBX-10997-PL
9.9
x
13.8
251
x
351
NBD-10452, NBD-10472
All items priced, sold and packaged in quantities of one
Available June 1, 2009
Contact the BUD factory for other materials and colors


유사한 부품 번호 - NBX-10977-PL

제조업체부품명데이터시트상세설명
logo
Bud Industries, Inc.
NBX-10977 BUD-NBX-10977 Datasheet
13Kb / 1P
   INTERNAL PANEL
More results

유사한 설명 - NBX-10977-PL

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
NBD-10442 ETC2-NBD-10442 Datasheet
104Kb / 2P
   NON-METALLIC ENCLOSURE
logo
Bud Industries, Inc.
NBB-10245 BUD-NBB-10245 Datasheet
89Kb / 1P
   NON-METALLIC ENCLOSURE (STYLE B)
NBB-10247 BUD-NBB-10247 Datasheet
103Kb / 1P
   NON-METALLIC ENCLOSURE (STYLE B)
logo
List of Unclassifed Man...
NBA-10162 ETC2-NBA-10162 Datasheet
68Kb / 1P
   NON-METALLIC ENCLSURE (STYLE A)
NBD-10456 ETC2-NBD-10456 Datasheet
94Kb / 1P
   NON-METALLIC ENCLSURE (STYLE D)
logo
Bud Industries, Inc.
NBB-10240 BUD-NBB-10240 Datasheet
80Kb / 1P
   NON-METALLIC ENCLOSURE (STYLE B)
NBB-10243 BUD-NBB-10243 Datasheet
99Kb / 1P
   NON-METALLIC ENCLOSURE (STYLE B)
logo
Molex Electronics Ltd.
1300990069 MOLEX-1300990069 Datasheet
154Kb / 1P
   STRAIN RELIEF MAX-LOC NON-METALLIC STRAIGHT MALE
2014/11/18
1300990077 MOLEX-1300990077 Datasheet
154Kb / 1P
   STRAIN RELIEF MAX-LOC NON-METALLIC STRAIGHT MALE
2015/11/18
1300990081 MOLEX-1300990081 Datasheet
154Kb / 1P
   STRAIN RELIEF MAX-LOC NON-METALLIC STRAIGHT MALE
2014/11/18
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com