전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1021A 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 ADM1021A
상세설명  Low Cost Microprocessor System Temperature Monitor Microcomputer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1021A 데이터시트(HTML) 4 Page - ON Semiconductor

  ADM1021A Datasheet HTML 1Page - ON Semiconductor ADM1021A Datasheet HTML 2Page - ON Semiconductor ADM1021A Datasheet HTML 3Page - ON Semiconductor ADM1021A Datasheet HTML 4Page - ON Semiconductor ADM1021A Datasheet HTML 5Page - ON Semiconductor ADM1021A Datasheet HTML 6Page - ON Semiconductor ADM1021A Datasheet HTML 7Page - ON Semiconductor ADM1021A Datasheet HTML 8Page - ON Semiconductor ADM1021A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ADM1021A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = TMIN to TMAX, VDD = 3.0 V to 3.6 V, unless otherwise noted. (Note 1)
Parameter
Unit
Max
Typ
Min
Test Conditions / Comments
SMBus Interface (See Figure 2)
Logic Input High Voltage, VIH
STBY, SCLK, SDATA
VDD = 3.0 V to 5.5 V
2.2
V
Logic Input Low Voltage, VIL
STBY, SCLK, SDATA
VDD = 3.0 V to 5.5 V
0.8
V
SMBus Output Low Sink Current
SDATA forced to 0.6 V
6.0
mA
ALERT Output Low Sink Current
ALERT forced to 0.4 V
1.0
mA
Logic Input Current, IIH, IIL
−1.0
+1.0
mA
SMBus Input Capacitance, SCLK, SDATA
5.0
pF
SMBus Clock Frequency
100
kHz
SMBus Clock Low Time, tLOW
tLOW between 10% points
4.7
ms
SMBus Clock High Time, tHIGH
tHIGH between 90% points
4.0
ms
SMBus Start Condition Setup Time,
tSU:STA
4.7
ms
SMBus Repeat Start Condition
250
ns
Setup Time, tSU:STA
Between 90% and 90% points
250
ns
SMBus Start Condition Hold Time, tHD:STA
Time from 10% of SDATA to 90% of SCLK
4.0
ms
SMBus Stop Condition Setup Time, tSU:STO
Time from 90% of SCLK to 10% of SDATA
4.0
ms
SMBus Data Valid to SCLK
Time for 10% or 90% of SDATA to 10% of SCLK
250
ns
Rising Edge Time, tSU:DAT
Time for 10% or 90% of SDATA to 10% of SCLK
250
ns
SMBus Data Hold Time, tBUF:DAT
0
ms
SMBus Bus Free Time, tBUF
Between start/stop condition
4.7
ms
SCLK Falling Edge to SDATA
1
ms
Valid Time, tVD:DAT
Master clocking in data
1
ms
1. TMAX = 100°C, TMIN = 0°C
2. Operation at VDD = 5.0 V guaranteed by design; not production tested.
3. Guaranteed by design; not production tested.
Figure 2. Diagram for Serial Bus Timing
P
S
P
tHD;STA
tSU;STA
tSU;DAT
tHIGH
tF
tHD;DAT
tR
tLOW
tHD;STA
S
SCL
SDA
tBUF
tSU;STO


유사한 부품 번호 - ADM1021A

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
ADM1021AARQ AD-ADM1021AARQ Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
ADM1021AARQ-REEL AD-ADM1021AARQ-REEL Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
ADM1021AARQ-REEL7 AD-ADM1021AARQ-REEL7 Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
ADM1021AARQZ AD-ADM1021AARQZ Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
More results

유사한 설명 - ADM1021A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A_12 Datasheet
240Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
July, 2012 ??Rev. 9
NCT210 ONSEMI-NCT210 Datasheet
197Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
September, 2012 ??Rev. 2
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
ON Semiconductor
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
   Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
logo
Analog Devices
ADM9240ARU-REEL AD-ADM9240ARU-REEL Datasheet
288Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
ADM1020 AD-ADM1020 Datasheet
132Kb / 12P
   8-Lead, Low-Cost, System Temperature Monitor
REV. 0
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com