전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1032ARMZ-002 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 ADM1032ARMZ-002
상세설명  짹1??Remote and Local System Temperature Monitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1032ARMZ-002 데이터시트(HTML) 3 Page - ON Semiconductor

  ADM1032ARMZ-002 Datasheet HTML 1Page - ON Semiconductor ADM1032ARMZ-002 Datasheet HTML 2Page - ON Semiconductor ADM1032ARMZ-002 Datasheet HTML 3Page - ON Semiconductor ADM1032ARMZ-002 Datasheet HTML 4Page - ON Semiconductor ADM1032ARMZ-002 Datasheet HTML 5Page - ON Semiconductor ADM1032ARMZ-002 Datasheet HTML 6Page - ON Semiconductor ADM1032ARMZ-002 Datasheet HTML 7Page - ON Semiconductor ADM1032ARMZ-002 Datasheet HTML 8Page - ON Semiconductor ADM1032ARMZ-002 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ADM1032
http://onsemi.com
3
PIN ASSIGNMENT
Pin No.
Mnemonic
Description
1
VDD
Positive Supply, 3.0 V to 5.5 V.
2
D+
Positive Connection to Remote Temperature Sensor.
3
D−
Negative Connection to Remote Temperature Sensor.
4
THERM
THERM is an open−drain output that can be used to turn a fan on/off or throttle a CPU clock in the event of
an overtemperature condition. Requires pullup to VDD, the same supply as the ADM1032.
Note: Please refer to Power Sequencing Considerations; THERM Pin Pullup on page 15 for more information.
5
GND
Supply Ground Connection.
6
ALERT
Open−Drain Logic Output Used as Interrupt or SMBus Alert.
7
SDATA
Logic Input/Output, SMBus Serial Data. Open−drain output. Requires pullup resistor.
8
SCLK
Logic Input, SMBus Serial Clock. Requires pullup resistor.
ELECTRICAL CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Unit
Power Supply
Supply Voltage, VDD
3.0
3.30
5.5
V
Average Operating Supply Current, ICC
0.0625 conversions/sec rate (Note 1)
170
215
mA
Standby mode
5.5
10
mA
Undervoltage Lockout Threshold
VDD input, disables ADC, rising edge
2.35
2.55
2.8
V
Power−On Reset Threshold
1.0
2.4
V
Temperature−To−Digital Converter
Local Sensor Accuracy
0 ≤ TA ≤ 100°C, VCC = 3 V to 3.6 V
±1
±3
°C
Resolution
1.0
°C
Remote Diode Sensor Accuracy
60°C ≤ TD ≤ 100°C, VCC = 3 V to 3.6 V
±1
°C
0°C ≤ TD ≤ 120°C
±3
°C
Resolution
0.125
°C
Remote Sensor Source Current
High level (Note 2)
230
mA
Low level (Note 2)
13
mA
Conversion Time
From stop bit to conversion complete
Both channels: one−shot mode with averaging
switched on
35.7
142.8
ms
One−shot mode with averaging off (that is,
conversion rate = 32 or 64 conversions per second)
5.7
22.8
ms
Open−Drain Digital Outputs (THERM, ALERT)
Output Low Voltage, VOL
IOUT = −6.0 mA (Note 2)
0.4
V
High Level Output Leakage Current, IOH
VOUT = VDD (Note 2)
0.1
1.0
mA
Serial Bus Timing (Note 2)
Logic Input High Voltage, VIH
SCLK, SDATA
VDD = 3.0 V to 5.5 V
2.1
V
Logic Input Low Voltage, VIL
VDD = 3.0 V to 5.5 V
0.8
V
Hysteresis
SCLK, SDATA
500
mV
1. See Table 6 for information on other conversion rates.
2. Guaranteed by design, not production tested.
3. The SMBus timeout is a programmable feature. By default, it is not enabled. Details on how to enable it are available in the Serial Bus
Interface section.


유사한 부품 번호 - ADM1032ARMZ-002

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ADM1032ARMZ-1 ONSEMI-ADM1032ARMZ-1 Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARMZ-1RL ONSEMI-ADM1032ARMZ-1RL Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
ADM1032ARMZ-1RL ONSEMI-ADM1032ARMZ-1RL Datasheet
214Kb / 18P
   Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARMZ-2R ONSEMI-ADM1032ARMZ-2R Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
ADM1032ARMZ-2R ONSEMI-ADM1032ARMZ-2R Datasheet
214Kb / 18P
   Local System Temperature Monitor
October, 2013 ??Rev. 13
More results

유사한 설명 - ADM1032ARMZ-002

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1032 AD-ADM1032 Datasheet
167Kb / 12P
   -1C Remote and Local System Temperature Monitor
REV. 0
logo
ON Semiconductor
ADM1032ARMZ-1 ONSEMI-ADM1032ARMZ-1 Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
ADM1032ARZ-1RL7 ONSEMI-ADM1032ARZ-1RL7 Datasheet
214Kb / 18P
   Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Texas Instruments
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC10 TI-THMC10 Datasheet
269Kb / 20P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC50 TI-THMC50 Datasheet
437Kb / 32P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
THMC50 TI1-THMC50_08 Datasheet
537Kb / 34P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com