전자부품 데이터시트 검색엔진 |
|
TL1431CLPM 데이터시트(PDF) 11 Page - Texas Instruments |
|
TL1431CLPM 데이터시트(HTML) 11 Page - Texas Instruments |
11 / 27 page www.ti.com 3 2 1 0 0 1 2 3 4 4 5 PULSE RESPONSE 6 5 6 7 TEST CIRCUIT FOR PULSE RESPONSE TA = 25°C Input Output t − Time − µs Pulse Generator f = 100 kHz 50 Ω 220 Ω Output GND VI STABILITY BOUNDARY CONDITIONS 50 40 10 0 0.001 0.01 0.1 1 70 90 100 10 30 80 60 20 TEST CIRCUIT FOR CURVE A TEST CIRCUIT FOR CURVES B, C, AND D CL − Load Capacitance − µF A-VKA = VI(ref) B-VKA = 5 V C-VKA = 10 V D-VKA = 15 V Stable Stable A B C D IKA = 10 mA TA = 25°C CL CL 150 Ω 150 Ω IKA IKA VBATT VBATT R1 = 10 k Ω R2 + − + − VI VI TL1431 PRECISION PROGRAMMABLE REFERENCE SLVS062L – DECEMBER 1991 – REVISED OCTOBER 2007 Figure 14. A. The areas under the curves represent conditions that may cause the device to oscillate. For curves B, C, and D, R2 and V+ are adjusted to establish the initial VKA and IKA conditions, with CL = 0. VBATT and CL then are adjusted to determine the ranges of stability. Figure 15. Copyright © 1991–2007, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Link(s): TL1431 |
유사한 부품 번호 - TL1431CLPM |
|
유사한 설명 - TL1431CLPM |