전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMBD 데이터시트(PDF) 6 Page - Schurter Inc.

부품명 FMBD
상세설명  2-stage filter for 3-phase systems with neutral conductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMBD 데이터시트(HTML) 6 Page - Schurter Inc.

  FMBD Datasheet HTML 1Page - Schurter Inc. FMBD Datasheet HTML 2Page - Schurter Inc. FMBD Datasheet HTML 3Page - Schurter Inc. FMBD Datasheet HTML 4Page - Schurter Inc. FMBD Datasheet HTML 5Page - Schurter Inc. FMBD Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image

3-Phase Filters
FMBD NEO
www.schurter.com/pg80
EMC Products
Attenuation Loss
........01/100differentialmode....100/0.1differentialmode----differentialmode_____commonmode
IndustrialVersion
7A
16A
25A
36A
64A
80A
120A
160A
200A
Variants
Rated Current
@ Ta 0°C (7°C) [A]
Tripped Power Dissipa-
tion [W]
Contact Resistance
[m
Ω]
Leakage Current
[mA] )
Weight
[kg]
Screw
clamps
[mm] )
Housing
Packaging
unit [PCS]
Order Number
8 (5)
3.2
12.5
< 1
1.1
4
2A
2
FMBD-B92A-0812
16 (11)
7
6.8
< 1
1.2
4
2A
2
FMBD-B92A-1612
25 (16)
9.5
3.8
< 1
1.8
10
2B
2
FMBD-B92A-2512
36 (21)
12.5
2.4
< 1
2
10
2B
2
FMBD-B92B-3612
64 (40)
21.3
1.3
< 1
2.8
25
2C
1
FMBD-B92C-6412
80 (50)
22.6
0.88
< 1
5.7
50
2D
1
FMBD-B92D-8012
120 (96)
43.2
0.75
< 1
6.3
50
2E
1
FMBD-B92E-J212
160 (100)
37.9
0.37
< 1
8
95
2F
1
FMBD-B92F-J612
200 (140)
41.6
0.26
< 1
8.6
95
2F
1
FMBD-B92F-K012
1)Maximumleakagecurrentundernormaloperatingconditions,assumingthatallthreephasesandtheneutralconductorareconnectedtothesupplyandtheconsumer.
Underthiscondition,thecurrentwillmainlyreturnthroughtheneutralline,notasearthleakage.
2)Maximumconductorcrosssection(wiregauge)tobeused;acomparativetableforAWGandmm²valuescanbefoundinthegeneralproductinformationwww.schurter.
com/emc_info
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


유사한 부품 번호 - FMBD

제조업체부품명데이터시트상세설명
logo
First Components Intern...
FMBD4148 FCI-FMBD4148 Datasheet
176Kb / 2P
   350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
FMBD4148A FCI-FMBD4148A Datasheet
176Kb / 2P
   350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
FMBD4148CA FCI-FMBD4148CA Datasheet
176Kb / 2P
   350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
FMBD4148CC FCI-FMBD4148CC Datasheet
176Kb / 2P
   350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
FMBD4148SE FCI-FMBD4148SE Datasheet
176Kb / 2P
   350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
More results

유사한 설명 - FMBD

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
FMW4-81 SCHURTER-FMW4-81_V01 Datasheet
278Kb / 3P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMW4-81 SCHURTER-FMW4-81 Datasheet
441Kb / 2P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMAD SCHURTER-FMAD_V01 Datasheet
545Kb / 6P
   1-stage filter for 3-phase systems with neutral conductor
FMAD SCHURTER-FMAD Datasheet
714Kb / 5P
   1-stage filter for 3-phase systems with neutral conductor
FMADCP SCHURTER-FMADCP Datasheet
442Kb / 4P
    1-stage filter for 3-phase systems with neutral conductor
FMW4-65 SCHURTER-FMW4-65 Datasheet
327Kb / 2P
   Compact 1-stage filter for 3-phase systems with neutral conductor
FMADRAIL SCHURTER-FMADRAIL Datasheet
350Kb / 3P
   1-stage filter for 3-phase systems with neutral conductor, DIN rail mounting
FMADRAIL SCHURTER-FMADRAIL_V01 Datasheet
355Kb / 3P
   1-stage filter for 3-phase systems with neutral conductor, DIN rail mounting
FMBCNEO SCHURTER-FMBCNEO Datasheet
763Kb / 8P
   2-stage filter for 3-phase systems
FMBC SCHURTER-FMBC Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com