전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CB2012T2R2M 데이터시트(PDF) 11 Page - Taiyo Yuden (U.S.A.), Inc

부품명 CB2012T2R2M
상세설명  WOUND CHIP INDUCTORS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
홈페이지  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CB2012T2R2M 데이터시트(HTML) 11 Page - Taiyo Yuden (U.S.A.), Inc

Back Button CB2012T2R2M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc CB2012T2R2M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc CB2012T2R2M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc CB2012T2R2M Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc CB2012T2R2M Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc CB2012T2R2M Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc CB2012T2R2M Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc CB2012T2R2M Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc CB2012T2R2M Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
52
1
wound02_e-01
ELECTRICAL CHARACTERISTICS
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Frequency〔MHz〕
CB2518
1
10
1
10
100000
100
1000
10000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
CB2012
1
10
0.1
1
10
1000
100
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
CB2016
1
10
0.1
1
10
1000
100
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
CB2518
1
10
0.1
1
10
1000
100
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
CBC2016
1
10
0.1
1
10
1000
100
100
10000
1000
1R0M
101□
100□
Frequency〔MHz〕
CBC2016
1
10
1
10
100000
100
1000
10000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
CBC2012
1
10
0.1
1
10
100
100
1000
1R0M
470□
100□
Frequency〔MHz〕
CBC2012
1
10
1
10
100000
100
1000
10000
100
10000
1000
1R0M
470□
100□
DC Bias〔mA〕
CBC2518
1
10
0.1
1
10
1000
100
100
10000
1000
1R0M
101□
100□
Frequency〔MHz〕
CBC2518
1
10
1
10
100000
100
1000
10000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
CBC3225
1
10
0.1
1
10
100
100
10000
1000
1R0MR
101□R
100□R
Frequency〔MHz〕
CBC3225
1
10
1
10
100000
100
1000
10000
100
10000
1000
1R0MR
101□R
100□R
Low Rdc Type
Low Rdc Type
High Current Type
High Current Type
DC Bias characteristics Measured by HP4285A+42841A
Impedance-vs-Frequency characteristics Measured by HP4291A
Frequency〔MHz〕
CB2012
1
10
1
10
100000
10000
1000
100
100
10000
1000
1R0M
101□
100□
Frequency〔MHz〕
CB2016
1
10
1
10
100000
100
1000
10000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
CBL2012
1
10
1
10
100
100
1000
470M
100M
4R7M
Frequency〔MHz〕
CBL2012
1
10
1
10
100000
100
1000
10000
100
1000
4R7M
470M
100M
DC Bias〔mA〕
CBMF1608
1
10
1
10
100
100
1000
100□
4R7M
1R0M
Frequency〔MHz〕
CBMF1608
1
10
1
10
100000
100
1000
10000
100
1000
10000
4R7M
470□
100□
Low Profile Type
Low Profile Type
Bottom-surface electrode Type
Bottom-surface electrode Type


유사한 부품 번호 - CB2012T2R2M

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CB2012T2R2M ETC1-CB2012T2R2M Datasheet
781Kb / 16P
   WOUND CHIP INDUCTORS
logo
Linear Technology
CB2012T2R2M LINER-CB2012T2R2M Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
logo
Linear Integrated Syste...
CB2012T2R2M LINEAR-CB2012T2R2M Datasheet
278Kb / 16P
   Dual Monolithic 300mA Synchronous Step-Down Regulaor
logo
Taiyo Yuden (U.S.A.), I...
CB2012T2R2M TAIYO-YUDEN-CB2012T2R2M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T2R2M TAIYO-YUDEN-CB2012T2R2M Datasheet
361Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
More results

유사한 설명 - CB2012T2R2M

제조업체부품명데이터시트상세설명
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
   WOUND CHIP INDUCTORS
logo
List of Unclassifed Man...
CB2012T2R2M ETC1-CB2012T2R2M Datasheet
781Kb / 16P
   WOUND CHIP INDUCTORS
logo
PCA ELECTRONICS INC.
EPIMSC0402C PCA-EPIMSC0402C Datasheet
37Kb / 3P
   Wound Chip Inductors
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com