전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14016B 데이터시트(PDF) 1 Page - Motorola, Inc

부품명 MC14016B
상세설명  Quad Analog Switch/Quad Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14016B 데이터시트(HTML) 1 Page - Motorola, Inc

  MC14016B Datasheet HTML 1Page - Motorola, Inc MC14016B Datasheet HTML 2Page - Motorola, Inc MC14016B Datasheet HTML 3Page - Motorola, Inc MC14016B Datasheet HTML 4Page - Motorola, Inc MC14016B Datasheet HTML 5Page - Motorola, Inc MC14016B Datasheet HTML 6Page - Motorola, Inc MC14016B Datasheet HTML 7Page - Motorola, Inc MC14016B Datasheet HTML 8Page - Motorola, Inc MC14016B Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MOTOROLA CMOS LOGIC DATA
65
MC14016B
Quad Analog Switch/Quad
Multiplexer
The MC14016B quad bilateral switch is constructed with MOS P–channel
and N–channel enhancement mode devices in a single monolithic structure.
Each MC14016B consists of four independent switches capable of
controlling either digital or analog signals. The quad bilateral switch is used
in signal gating, chopper, modulator, demodulator and CMOS logic
implementation.
• Diode Protection on All Inputs
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Linearized Transfer Characteristics
• Low Noise — 12 nV/√Cycle, f ≥ 1.0 kHz typical
• Pin–for–Pin Replacements for CD4016B, CD4066B (Note improved
transfer characteristic design causes more parasitic coupling
capacitance than CD4016)
• For Lower RON, Use The HC4016 High–Speed CMOS Device or The
MC14066B
• This Device Has Inputs and Outputs Which Do Not Have ESD
Protection. Antistatic Precautions Must Be Taken.
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 18.0
V
Vin, Vout Input or Output Voltage (DC or Transient)
– 0.5 to VDD + 0.5
V
lin
Input Current (DC or Transient),
per Control Pin
± 10
mA
Isw
Switch Through Current
± 25
mA
PD
Power Dissipation, per Package†
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature (8–Second Soldering)
260
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
†Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
Ceramic “L” Packages: – 12 mW/
_C From 100_C To 125_C
This device contains protection circuitry to guard against damage
due to high static voltages or electric fields. However, precautions must
be taken to avoid applications of any voltage higher than maximum rated
voltages to this high-impedance circuit. For proper operation, Vin and
Vout should be constrained to the range VSS ≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an appropriate logic voltage
level (e.g., either VSS or VDD). Unused outputs must be left open.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14016B
L SUFFIX
CERAMIC
CASE 632
ORDERING INFORMATION
MC14XXXBCP
Plastic
MC14XXXBCL
Ceramic
MC14XXXBD
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 646
D SUFFIX
SOIC
CASE 751A
BLOCK DIAGRAM
CONTROL 1
IN 1
CONTROL 2
IN 2
CONTROL 3
IN 3
CONTROL 4
IN 4
OUT 1
OUT 2
OUT 3
OUT 4
13
1
5
4
6
8
12
11
2
3
9
10
VDD = PIN 14
VSS = PIN 7
Control
Switch
0 = VSS
Off
1 = VDD
On
LOGIC DIAGRAM
(1/4 OF DEVICE SHOWN)
CONTROL
OUT
IN
LOGIC DIAGRAM RESTRICTIONS
VSS ≤ Vin ≤ VDD
VSS ≤ Vout ≤ VDD


유사한 부품 번호 - MC14016B

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016B ONSEMI-MC14016B Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
MC14016BCP ONSEMI-MC14016BCP Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016BCP ONSEMI-MC14016BCP Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
More results

유사한 설명 - MC14016B

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14066B ONSEMI-MC14066B_14 Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com