전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTB12-600CW3G 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 BTB12-600CW3G
상세설명  Triacs Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BTB12-600CW3G 데이터시트(HTML) 4 Page - ON Semiconductor

  BTB12-600CW3G Datasheet HTML 1Page - ON Semiconductor BTB12-600CW3G Datasheet HTML 2Page - ON Semiconductor BTB12-600CW3G Datasheet HTML 3Page - ON Semiconductor BTB12-600CW3G Datasheet HTML 4Page - ON Semiconductor BTB12-600CW3G Datasheet HTML 5Page - ON Semiconductor BTB12-600CW3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BTB12-600BW3G, BTB12-800BW3G
http://onsemi.com
4
Figure 1. Typical RMS Current Derating
IT(RMS), RMS ON‐STATE CURRENT (AMP)
125
110
95
80
12
10
8
6
4
2
0
Figure 2. On‐State Power Dissipation
IT(AV), AVERAGE ON‐STATE CURRENT (AMP)
12
10
8
6
4
2
0
18
16
14
12
10
8
6
4
2
0
120
°, 90°, 60°, 30°
180
°
65
20
DC
DC
60
°
90
°
120
°
180
°
30
°
Figure 3. On‐State Characteristics
VT, INSTANTANEOUS ON‐STATE VOLTAGE (VOLTS)
100
0
0.5
1
1.5
2
2.5
3
3.5
4
10
1
0.1
MAXIMUM @ TJ = 125°C
TYPICAL AT
TJ = 25°C
MAXIMUM @ TJ = 25°C
Figure 4. Thermal Response
t, TIME (ms)
1
0.1
0.01
1·104
1000
100
10
1
0.1
Figure 5. Typical Hold Current Variation
TJ, JUNCTION TEMPERATURE (°C)
5
10
15
20
25
30
35
40
45
50
-40 -25 -10
5
20
35
50
65
80
95
110 125
MTI2 Positive
MTI2 Negative


유사한 부품 번호 - BTB12-600CW3G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BTB12-600CW3G ONSEMI-BTB12-600CW3G Datasheet
92Kb / 6P
   Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
More results

유사한 설명 - BTB12-600CW3G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
   Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
   Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
logo
Kersemi Electronic Co.,...
MAC9D KERSEMI-MAC9D Datasheet
399Kb / 6P
   Triacs Silicon Bidirectional Thyristors
MAC12HCD KERSEMI-MAC12HCD Datasheet
415Kb / 6P
   Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA12-600BW3G ONSEMI-BTA12-600BW3G Datasheet
146Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com