전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24AA16 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 CAT24AA16
상세설명  16-Kb I2C CMOS Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24AA16 데이터시트(HTML) 1 Page - ON Semiconductor

  CAT24AA16 Datasheet HTML 1Page - ON Semiconductor CAT24AA16 Datasheet HTML 2Page - ON Semiconductor CAT24AA16 Datasheet HTML 3Page - ON Semiconductor CAT24AA16 Datasheet HTML 4Page - ON Semiconductor CAT24AA16 Datasheet HTML 5Page - ON Semiconductor CAT24AA16 Datasheet HTML 6Page - ON Semiconductor CAT24AA16 Datasheet HTML 7Page - ON Semiconductor CAT24AA16 Datasheet HTML 8Page - ON Semiconductor CAT24AA16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2009
August, 2009 − Rev. 1
1
Publication Order Number:
CAT24AA16/D
CAT24AA16
16-Kb I2C CMOS Serial
EEPROM
Description
The CAT24AA16 is a 16−Kb CMOS Serial EEPROM device
internally organized as 2048x8 bits.
The device features a 16−byte page write buffer and supports
100 kHz, 400 kHz and 1 MHz I2C protocols.
Data is written by providing a starting address, then loading 1 to 16
contiguous bytes into a Page Write Buffer, and then writing all data to
non−volatile memory in one internal write cycle. Data is read by
providing a starting address and then shifting out data serially while
automatically incrementing the internal address count.
Features
Standard and Fast I2C Protocol Compatible
Supports 1 MHz Clock Frequency
1.7 V to 5.5 V Supply Voltage Range
16−Byte Page Write Buffer
Hardware Write Protection for Entire Memory
Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs
(SCL and SDA)
Low Power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial Temperature Range
This Device is Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
VCC
VSS
SDA
SCL
WP
CAT24AA16
Figure 1. Functional Symbol
http://onsemi.com
PIN CONFIGURATIONS
SDA
SCL
WP
VCC
VSS
NC
NC
NC
1
(Top View)
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
SOIC−8
W SUFFIX
CASE 751BD
TSOT−23
TB SUFFIX
CASE 419AE
2
3
4
8
7
6
5
VCC
WP
SDA
VSS
SCL
1
(Top View)
2
3
5
4
SOIC
TSOT−23
PIN FUNCTION
Pin Name
SDA
Function
Serial Data Input/Output
SCL
Clock Input
WP
Write Protect
VCC
Power Supply
VSS
Ground
NC
No Connect


유사한 부품 번호 - CAT24AA16

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT24AA16 ONSEMI-CAT24AA16 Datasheet
211Kb / 11P
   EEPROM Serial 16-Kb I2C
May, 2018 ??Rev. 2
CAT24AA16 ONSEMI-CAT24AA16_18 Datasheet
211Kb / 11P
   EEPROM Serial 16-Kb I2C
May, 2018 ??Rev. 2
More results

유사한 설명 - CAT24AA16

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LE2416RDXA ONSEMI-LE2416RDXA Datasheet
343Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
LE2416DXA ONSEMI-LE2416DXA Datasheet
295Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
logo
Catalyst Semiconductor
CAT24FC17 CATALYST-CAT24FC17 Datasheet
452Kb / 10P
   16-kb I2C Serial EEPROM
CAT24FC16 CATALYST-CAT24FC16 Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
CAT24FC16 CATALYST-CAT24FC16_05 Datasheet
595Kb / 11P
   16-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24AA16 ONSEMI-CAT24AA16_18 Datasheet
211Kb / 11P
   EEPROM Serial 16-Kb I2C
May, 2018 ??Rev. 2
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
logo
Catalyst Semiconductor
CAT24C32 CATALYST-CAT24C32 Datasheet
527Kb / 18P
   32-Kb I2C CMOS Serial EEPROM
CAT24C64 CATALYST-CAT24C64 Datasheet
552Kb / 18P
   64-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
LE2432RDXA ONSEMI-LE2432RDXA Datasheet
353Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com