전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24C21WI-GT3 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 CAT24C21WI-GT3
상세설명  1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C21WI-GT3 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button CAT24C21WI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT24C21WI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT24C21WI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT24C21WI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT24C21WI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT24C21WI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT24C21WI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT24C21WI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT24C21WI-GT3 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CAT24C21
http://onsemi.com
6
Figure 6. Write Cycle Timing
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8th Bit
Byte n
SCL
SDA
tWR
Page Write
The CAT24C21 writes up to 16 bytes of data in a single
write cycle, using the Page Write operation. The Page Write
operation (Figure 11) is initiated in the same manner as the
Byte Write operation, however instead of terminating after
the initial word is transmitted, the Master is allowed to send
up to fifteen additional bytes. After each byte has been
transmitted the CAT24C21 will respond with an ACK, and
internally increment the low order address bits by one. The
high order bits remain unchanged.
If the Master transmits more than sixteen bytes prior to
sending the STOP condition, the address counter ‘wraps
around’, and previously transmitted data will be
overwritten.
Once all sixteen bytes are received and the STOP
condition has been sent by the Master, the internal
programming cycle begins. At this point all received data is
written to the CAT24C21 in a single write cycle.
Acknowledge Polling
The disabling of the inputs can be used to take advantage
of the typical write cycle time. Once the stop condition is
issued to indicate the end of the host’s write operation, the
CAT24C21 initiates the internal write cycle. ACK polling
can be initiated immediately. This involves issuing the start
condition followed by the slave address for a write
operation. If the CAT24C21 is still busy with the write
operation, no ACK will be returned. If the CAT24C21 has
completed the write operation, an ACK will be returned and
the host can then proceed with the next read or write
operation.
Figure 7. Start/Stop Timing
START Bit
SDA
SCL
STOP Bit
Figure 8. Acknowledge Timing
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
Figure 9. Slave Address Bits
1
01
0
X
R/W
XX


유사한 부품 번호 - CAT24C21WI-GT3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT24C21WI ONSEMI-CAT24C21WI Datasheet
140Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
September, 2009 ??Rev. 16
logo
Catalyst Semiconductor
CAT24C21WITE13 CATALYST-CAT24C21WITE13 Datasheet
66Kb / 12P
   1-kb Dual Mode Serial EEPROM for VESA??Plug-and-Play
More results

유사한 설명 - CAT24C21WI-GT3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT24C21WI ONSEMI-CAT24C21WI Datasheet
140Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
September, 2009 ??Rev. 16
logo
Catalyst Semiconductor
CAT24C21 CATALYST-CAT24C21 Datasheet
66Kb / 12P
   1-kb Dual Mode Serial EEPROM for VESA??Plug-and-Play
logo
STMicroelectronics
ST24LC21B STMICROELECTRONICS-ST24LC21B Datasheet
159Kb / 22P
   1 Kbit x8 Dual Mode Serial EEPROM for VESA PLUG & PLAY
ST24LC21 STMICROELECTRONICS-ST24LC21 Datasheet
149Kb / 18P
   1Kb x8 DUAL MODE SERIAL EEPROM for VESA Plug&Play
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24AA01 CATALYST-CAT24AA01 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com