전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24C64WI-T3 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 CAT24C64WI-T3
상세설명  64 kb I2C CMOS Serial EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C64WI-T3 데이터시트(HTML) 5 Page - ON Semiconductor

  CAT24C64WI-T3 Datasheet HTML 1Page - ON Semiconductor CAT24C64WI-T3 Datasheet HTML 2Page - ON Semiconductor CAT24C64WI-T3 Datasheet HTML 3Page - ON Semiconductor CAT24C64WI-T3 Datasheet HTML 4Page - ON Semiconductor CAT24C64WI-T3 Datasheet HTML 5Page - ON Semiconductor CAT24C64WI-T3 Datasheet HTML 6Page - ON Semiconductor CAT24C64WI-T3 Datasheet HTML 7Page - ON Semiconductor CAT24C64WI-T3 Datasheet HTML 8Page - ON Semiconductor CAT24C64WI-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CAT24C64
http://onsemi.com
5
Figure 4. Acknowledge Timing
18
9
START
SCL FROM
MASTER
BUS RELEASE DELAY (TRANSMITTER)
BUS RELEASE DELAY (RECEIVER)
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
ACK SETUP (≥ tSU:DAT)
ACK DELAY (≤ tAA)
Figure 5. Bus Timing
SCL
SDA IN
SDA OUT
tBUF
tSU:STO
tSU:DAT
tR
tAA
tDH
tLOW
tHIGH
tLOW
tSU:STA
tHD:STA
tHD:DAT
tF
WRITE OPERATIONS
Byte Write
To write data to memory, the Master creates a START
condition on the bus and then broadcasts a Slave address
with the R/W bit set to ‘0’. The Master then sends two
address bytes and a data byte and concludes the session by
creating a STOP condition on the bus. The Slave responds
with ACK after every byte sent by the Master (Figure 6). The
STOP starts the internal Write cycle, and while this
operation is in progress (tWR), the SDA output is tri-stated
and the Slave does not acknowledge the Master (Figure 7).
Page Write
The Byte Write operation can be expanded to Page Write,
by sending more than one data byte to the Slave before
issuing the STOP condition (Figure 8). Up to 32 (Note 10)
distinct data bytes can be loaded into the internal Page Write
Buffer starting at the address provided by the Master. The
page address is latched, and as long as the Master keeps
sending data, the internal byte address is incremented up to
the end of page, where it then wraps around (within the
page). New data can therefore replace data loaded earlier.
Following the STOP, data loaded during the Page Write
session will be written to memory in a single internal Write
cycle (tWR).
Acknowledge Polling
As soon (and as long) as internal Write is in progress, the
Slave will not acknowledge the Master. This feature enables
the Master to immediately follow-up with a new Read or
Write request, rather than wait for the maximum specified
Write time (tWR) to elapse. Upon receiving a NoACK
response from the Slave, the Master simply repeats the
request until the Slave responds with ACK.
Hardware Write Protection
With the WP pin held HIGH, the entire memory is
protected against Write operations. If the WP pin is left
floating or is grounded, it has no impact on the Write
operation. The state of the WP pin is strobed on the last
falling edge of SCL immediately preceding the 1st data byte
(Figure 9). If the WP pin is HIGH during the strobe interval,
the Slave will not acknowledge the data byte and the Write
request will be rejected.
Delivery State
The CAT24C64 is shipped erased, i.e., all bytes are FFh.
10.CAT24C64 Rev. D (Not Recommended for New Designs)
has 64−Byte Page Write Buffer.


유사한 부품 번호 - CAT24C64WI-T3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT24C64WI-G ONSEMI-CAT24C64WI-G Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT24C64WI-G ONSEMI-CAT24C64WI-G Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT24C64WI-G ONSEMI-CAT24C64WI-G Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT24C64WI-G ONSEMI-CAT24C64WI-G Datasheet
146Kb / 16P
   64 Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 25
logo
Catalyst Semiconductor
CAT24C64WI-GT2 CATALYST-CAT24C64WI-GT2 Datasheet
552Kb / 18P
   64-Kb I2C CMOS Serial EEPROM
More results

유사한 설명 - CAT24C64WI-T3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
logo
Catalyst Semiconductor
CAT24C64 CATALYST-CAT24C64 Datasheet
552Kb / 18P
   64-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
LE2464DXA ONSEMI-LE2464DXA Datasheet
305Kb / 17P
   64 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
LE2464RDXA ONSEMI-LE2464RDXA Datasheet
353Kb / 17P
   64 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24C64 ONSEMI-CAT24C64_16 Datasheet
146Kb / 16P
   64 Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 25
CAV24C64 ONSEMI-CAV24C64_16 Datasheet
106Kb / 11P
   64-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C64LI-G ONSEMI-CAT24C64LI-G Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAV24C64 ONSEMI-CAV24C64 Datasheet
143Kb / 10P
   64-Kb I2C CMOS Serial EEPROM
March, 2011 ??Rev. 0
N24S64B ONSEMI-N24S64B Datasheet
104Kb / 11P
   64 Kb I2C CMOS Serial EEPROM
August, 2018 ??Rev. 0
CAT24C64 ONSEMI-CAT24C64_18 Datasheet
123Kb / 13P
   64 Kb I2C CMOS Serial EEPROM
April, 2018 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com