전자부품 데이터시트 검색엔진 |
|
CAT1161WI-28-GT3 데이터시트(PDF) 2 Page - ON Semiconductor |
|
CAT1161WI-28-GT3 데이터시트(HTML) 2 Page - ON Semiconductor |
2 / 14 page CAT1161, CAT1162 Doc. No. MD-3002 Rev. I 2 © 2009 SCILLC. All rights reserved. Characteristics subject to change without notice BLOCK DIAGRAM RESET THRESHOLD OPTION Part Dash Number Minimum Threshold Maximum Threshold -45 4.50 4.75 -42 4.25 4.50 -30 3.00 3.15 -28 2.85 3.00 -25 2.55 2.70 ABSOLUTE MAXIMUM RATINGS (1) Parameters Ratings Units Temperature Under Bias –55 to +125 ºC Storage Temperature –65 to +150 ºC Voltage on any Pin with Respect to Ground (2) –2.0 to VCC + 2.0 V VCC with Respect to Ground –2.0 to 7.0 V Package Power Dissipation Capability (TA = 25°C) 1.0 W Lead Soldering Temperature (10 secs) 300 ºC Output Short Circuit Current (3) 100 mA REABILITY CHARACTERISTICS Symbol Parameter Reference Test Method Min Max Units NEND (4) Endurance MIL-STD-883, Test Method 1033 1,000,000 Cycles/Byte TDR (4) Data Retention MIL-STD-883, Test Method 1008 100 Years VZAP (4) ESD Susceptibility MIL-STD-883, Test Method 3015 2000 Volts ILTH (4)(5) Latch-up JEDEC Standard 17 100 mA Notes: (1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. (2) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20ns. Maximum DC voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns. (3) Output shorted for no more than one second. No more than one output shorted at a time. (4) This parameter is tested initially and after a design or process change that affects the parameter. (5) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V. 16K DOUT ACK SENSEAMPS SHIFT REGISTERS CONTROL LOGIC WORDADDRESS BUFFERS START/STOP LOGIC EEPROM VCC EXTERNAL LOAD COLUMN DECODERS XDEC DATA IN STORAGE HIGHVOLTAGE/ TIMING CONTROL GND WP SDA RESET Controller Precision Vcc Monitor STATE COUNTERS SLAVE ADDRESS COMPARATORS SCL RESET RESET WATCHDOG Only for CAT1161 |
유사한 부품 번호 - CAT1161WI-28-GT3 |
|
유사한 설명 - CAT1161WI-28-GT3 |