전자부품 데이터시트 검색엔진 |
|
CAT150169MWI-GT3 데이터시트(PDF) 10 Page - ON Semiconductor |
|
CAT150169MWI-GT3 데이터시트(HTML) 10 Page - ON Semiconductor |
10 / 15 page CAT15008, CAT15016 Doc. No. MD-1125 Rev. B 10 © 2008 SCILLC. All rights reserved. Characteristics subject to change without notice Write Status Register The Status Register is written by sending a WRSR instruction according to timing shown in Figure 8. Only bits 2, 3 and 7 can be written using the WRSR command. Write Protection The Write Protect (WP ¯¯¯) pin can be used to protect the Block Protect bits BP0 and BP1 against being inadvertently altered. When WP ¯¯¯ is low and the WPEN bit is set to “1”, write operations to the Status Register are inhibited. WP ¯¯¯ going low while CS ¯¯ is still low will interrupt a write to the status register. If the internal write cycle has already been initiated, WP ¯¯¯ going low will have no effect on any write operation to the Status Register. The WP ¯¯¯ pin function is blocked when the WPEN bit is set to “0”. The WP ¯¯¯ input timing is shown in Figure 9. Figure 8. WRSR Timing Note: Dashed Line = mode (1, 1) - - - - - - Figure 9. WP ¯¯¯ Timing Note: Dashed Line = mode (1, 1) - - - - - - 01 2 3 4 5 6 78 10 911 12 13 14 SCK SI MSB HIGH IMPEDANCE DATA IN 15 SO CS 7 6 5 4 3 2 10 00 0 0 0 0 0 1 OPCODE CS SCK WP WP t WPS t WPH |
유사한 부품 번호 - CAT150169MWI-GT3 |
|
유사한 설명 - CAT150169MWI-GT3 |