전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT25160YI-T3 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 CAT25160YI-T3
상세설명  8-Kb and 16-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25160YI-T3 데이터시트(HTML) 3 Page - ON Semiconductor

  CAT25160YI-T3 Datasheet HTML 1Page - ON Semiconductor CAT25160YI-T3 Datasheet HTML 2Page - ON Semiconductor CAT25160YI-T3 Datasheet HTML 3Page - ON Semiconductor CAT25160YI-T3 Datasheet HTML 4Page - ON Semiconductor CAT25160YI-T3 Datasheet HTML 5Page - ON Semiconductor CAT25160YI-T3 Datasheet HTML 6Page - ON Semiconductor CAT25160YI-T3 Datasheet HTML 7Page - ON Semiconductor CAT25160YI-T3 Datasheet HTML 8Page - ON Semiconductor CAT25160YI-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CAT25080, CAT25160
http://onsemi.com
3
Table 5. A.C. CHARACTERISTICS (TA = −40°C to +125°C, unless otherwise specified.) (Notes 4, 7)
Symbol
Parameter
VCC = 1.8 V − 5.5 V
VCC = 2.5 V − 5.5 V
TA = −405C to +855C
Units
Min
Max
Min
Max
fSCK
Clock Frequency
DC
5
DC
10
MHz
tSU
Data Setup Time
40
20
ns
tH
Data Hold Time
40
20
ns
tWH
SCK High Time
75
40
ns
tWL
SCK Low Time
75
40
ns
tLZ
HOLD to Output Low Z
50
25
ns
tRI (Note 5)
Input Rise Time
2
2
ms
tFI (Note 5)
Input Fall Time
2
2
ms
tHD
HOLD Setup Time
0
0
ns
tCD
HOLD Hold Time
10
10
ns
tV
Output Valid from Clock Low
75
40
ns
tHO
Output Hold Time
0
0
ns
tDIS
Output Disable Time
50
20
ns
tHZ
HOLD to Output High Z
100
25
ns
tCS
CS High Time
50
20
ns
tCSS
CS Setup Time
20
15
ns
tCSH
CS Hold Time
30
20
ns
tCNS
CS Inactive Setup Time
20
15
ns
tCNH
CS Inactive Hold Time
20
15
ns
tWPS
WP Setup Time
10
10
ns
tWPH
WP Hold Time
100
60
ns
tWC (Note 6)
Write Cycle Time
5
5
ms
4. AC Test Conditions:
Input Pulse Voltages: 0.3 VCC to 0.7 VCC
Input rise and fall times: ≤ 10 ns
Input and output reference voltages: 0.5 VCC
Output load: current source IOL max/IOH max; CL = 50 pF
5. This parameter is tested initially and after a design or process change that affects the parameter.
6. tWC is the time from the rising edge of CS after a valid write sequence to the end of the internal write cycle.
7. All Chip Select (CS) timing parameters are defined relative to the positive clock edge (Figure 2). tCSH timing specification is valid
for die revision C and higher. The die revision C is identified by letter “C” or a dedicated marking code on top of the package. For
previous product revision (Rev. B) the tCSH is defined relative to the negative clock edge (please refer to data sheet
Doc. No. MD−1122 Rev. C).
Table 6. POWER−UP TIMING (Notes 5, 8)
Symbol
Parameter
Max
Units
tPUR
Power−up to Read Operation
1
ms
tPUW
Power−up to Write Operation
1
ms
8. tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.


유사한 부품 번호 - CAT25160YI-T3

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT25160YI-GT3 CATALYST-CAT25160YI-GT3 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25160YI-GT3 ONSEMI-CAT25160YI-GT3 Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT25160YI-GT3 ONSEMI-CAT25160YI-GT3 Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT25160YI-GT3 ONSEMI-CAT25160YI-GT3 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
More results

유사한 설명 - CAT25160YI-T3

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT25080 CATALYST-CAT25080 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25080LI-G ONSEMI-CAT25080LI-G Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAV25080YE-GT3 ONSEMI-CAV25080YE-GT3 Datasheet
160Kb / 13P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
November, 2011 ??Rev. 0
CAT25080LI ONSEMI-CAT25080LI Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT15008 ONSEMI-CAT15008 Datasheet
194Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
logo
Catalyst Semiconductor
CAT15008 CATALYST-CAT15008 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
CAT25080 ONSEMI-CAT25080_18 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com