전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P312XDP512F0CAGR 데이터시트(PDF) 72 Page - Freescale Semiconductor, Inc

부품명 P312XDP512F0CAGR
상세설명  HCS12X Microcontrollers
Download  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P312XDP512F0CAGR 데이터시트(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button P312XDP512F0CAGR Datasheet HTML 68Page - Freescale Semiconductor, Inc P312XDP512F0CAGR Datasheet HTML 69Page - Freescale Semiconductor, Inc P312XDP512F0CAGR Datasheet HTML 70Page - Freescale Semiconductor, Inc P312XDP512F0CAGR Datasheet HTML 71Page - Freescale Semiconductor, Inc P312XDP512F0CAGR Datasheet HTML 72Page - Freescale Semiconductor, Inc P312XDP512F0CAGR Datasheet HTML 73Page - Freescale Semiconductor, Inc P312XDP512F0CAGR Datasheet HTML 74Page - Freescale Semiconductor, Inc P312XDP512F0CAGR Datasheet HTML 75Page - Freescale Semiconductor, Inc P312XDP512F0CAGR Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 1348 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.21
72
Freescale Semiconductor
1.5.2.1
System Stop Modes
The system stop modes are entered if the CPU executes the STOP instruction and the XGATE doesn’t
execute a thread and the XGFACT bit in the XGMCTL register is cleared. Depending on the state of the
PSTP bit in the CLKSEL register the MCU goes into pseudo stop mode or full stop mode. Please refer to
CRG section. Asserting RESET, XIRQ, IRQ or any other interrupt ends the system stop modes.
1.5.2.2
Pseudo Stop Mode
In this mode the clocks are stopped but the oscillator is still running and the real time interrupt (RTI) or
watchdog (COP) submodule can stay active. Other peripherals are turned off. This mode consumes more
current than the system stop mode, but the wake up time from this mode is significantly shorter.
1.5.2.3
Full Stop Mode
The oscillator is stopped in this mode. All clocks are switched off. All counters and dividers remain frozen.
1.5.2.4
System Wait Mode
This mode is entered when the CPU executes the WAI instruction. In this mode the CPU will not execute
instructions. The internal CPU clock is switched off. All peripherals and the XGATE can be active in
system wait mode. For further power consumption the peripherals can individually turn off their local
clocks. Asserting RESET, XIRQ, IRQ or any other interrupt that has not been masked ends system wait
mode.
1.5.3
Freeze Mode
The enhanced capture timer, pulse width modulator, analog-to-digital converters, the periodic interrupt
timer and the XGATE module provide a software programmable option to freeze the module status during
the background debug module is active. This is useful when debugging application software. For detailed
description of the behavior of the ATD0, ATD1, ECT, PWM, XGATE and PIT when the background debug
module is active consult the corresponding sections..
1.6
Resets and Interrupts
Consult the S12XCPU Block Guide for information on exception processing.
1.6.1
Vectors
Table 1-12 lists all interrupt sources and vectors in the default order of priority. The interrupt module
(S12XINT) provides an interrupt vector base register (IVBR) to relocate the vectors. Associated with each
I-bit maskable service request is a configuration register. It selects if the service request is enabled, the
service request priority level and whether the service request is handled either by the S12X CPU or by the
XGATE module.


유사한 부품 번호 - P312XDP512F0CAGR

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
P312XDP512F0CAGR FREESCALE-P312XDP512F0CAGR Datasheet
7Mb / 1350P
   Covers, S12XD, S12XB & S12XA Families
More results

유사한 설명 - P312XDP512F0CAGR

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC9S12XEQ512MAL FREESCALE-MC9S12XEQ512MAL Datasheet
8Mb / 1324P
   HCS12X Microcontrollers
MC9S12XDT256CAL FREESCALE-MC9S12XDT256CAL Datasheet
4Mb / 1348P
   HCS12X Microcontrollers
MC9S12XEP100 FREESCALE-MC9S12XEP100_10 Datasheet
8Mb / 1324P
   HCS12X Microcontrollers
MC9S12XHZ512 FREESCALE-MC9S12XHZ512_10 Datasheet
5Mb / 978P
   HCS12X Microcontrollers
MC9S12XDP512VAG FREESCALE-MC9S12XDP512VAG Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com