전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744272221 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744272221
상세설명  COMMON MODE SMD LINE FILTER WE-SL5
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744272221 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744272221 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744272221 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744272221 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
744272221
Bezeichnung :
description :
A
10,0 ± 0,3
mm
B
8,70 ± 0,3
mm
C
6,50 max.
mm
D
6,22 ± 0,1
mm
E
7,62 ± 0,1
mm
F
1,25 ± 0,1
mm
G
0,30 min.
mm
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Induktivität /
inductance
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
Impedanz /
impedance
Nennspannung /
rated voltage
33%
+20°C
1000VAC
SSt
Version 4
08-01-14
MST
Version 3
06-05-09
MST
Version 2
04-10-11
ME
Version 1
04-04-26
Name
Änderung / modification
Datum / date
∆T= 40K
0,1V / 100KHz
max.
RDC
L1-2;4-3
max.
IDC
UDC
80
..........................................................................
..................................................................................
..................................................................................
Würth Elektronik
Kunde / customer :
STROMKOMP. SMD LINE FILTER WE-SL5
COMMON MODE SMD LINE FILTER WE-SL5
Artikelnummer / part number :
A Mechanische Abmessungen / dimensions:
D Prüfgeräte / test equipment:
HP 4191 B für/for Z und/and material
HP 34401 A für/for R
DC und/and IDC
2200
Kontrolliert / approved
Testbedingungen /
test conditions
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
780
Z com
Ω
Umgebungstemp. / ambient temperature: -40°C - +85°C
Draht / wire:
http://www.we-online.com
Spezifikation für Freigabe / specification for release
DATUM/DATE: 2008-01-14
max.
mA
Datum / date
..........................................................................
Unterschrift / signature
Gehäuse / Housing:
2-SFBW / 155°C
UL94-V0
Luftfeuchtigkeit / humidity:
Umgebungstemperatur / temperature:
G Eigenschaften / general specifications:
F Werkstoffe & Zulassungen / material & approvals:
Ferrit/ ferrite
Basismaterial / base material:
Betriebstemp. / operating temperature:
-40°C - +125°C
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties:
E Testbedingungen / test conditions:
Spannungsfestigkeit /
0,032
±40%
220
Ω
µH
V
max.
It is recommended that the temperature of the part does
not exceed 125°C under worst case operating conditions.
Kunde / customer
Freigabe erteilt / general release:
High-Pot Test (60Hz;1mA;1min.)
3
2
= = = = =
1
4
XXX
WE
1
23
4
Marking
A
C
B
D
E
F
G
2,7
10,32
2,7
8,92
SEITE 1 VON 3


유사한 부품 번호 - 744272221

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744272222 WURTH-744272222 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
More results

유사한 설명 - 744272221

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744272121 WURTH-744272121 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272102 WURTH-744272102 Datasheet
131Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272222 WURTH-744272222 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272332 WURTH-744272332 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272472 WURTH-744272472 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272392 WURTH-744272392 Datasheet
131Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272251 WURTH-744272251 Datasheet
131Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272471 WURTH-744272471 Datasheet
131Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744273102 WURTH-744273102 Datasheet
1Mb / 6P
   WE-SL5 HC SMD Common Mode Line Filter
744273222 WURTH-744273222 Datasheet
1Mb / 6P
   WE-SL5 HC SMD Common Mode Line Filter
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com