전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM200EAXX 데이터시트(PDF) 1 Page - Tyco Electronics

부품명 FM200EAXX
상세설명  KILOVAC FM200 (?쏤LATMAN?? Series 1-, 2- or 3-pole Contactor With Contacts Rated 200 Amps, 480Vac (50/60 Hz. ) or 48Vdc
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

FM200EAXX 데이터시트(HTML) 1 Page - Tyco Electronics

  FM200EAXX Datasheet HTML 1Page - Tyco Electronics FM200EAXX Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Catalog 1654769
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 11-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Product Facts
I Multi-pole configurations
I Normally open, normally
closed and mixed contact
arrangements
I Optional quick connect tabs
for sensing
I Small, lightweight & cost-
effective – designed to be the
smallest, lowest cost
contactor in the industry with
its current rating
I Standard models available
with 12VDC, 24VDC and 115
VAC coils. Consult factory for
240VAC coil models.
I 1 Form A auxiliary contacts
© 2003 and 2007 by Tyco Electronics Corporation. All Rights Reserved.
FLATMAN, KILOVAC and TE Logo and Tyco Electronics are trademarks.
KILOVAC FM200 (“FLATMAN”) Series 1-, 2- or 3-pole Contactor
With Contacts Rated 200 Amps, 480Vac (50/60 Hz. ) or 48Vdc
Coil Operating Voltage (valid over temperature range)
Coil Designator
Units
A
B
C
D
Nominal Voltage
V
12 (DC)
24 (DC)
115 (AC)
24 (DC)
Voltage Range
V
9.6-13.2
19.2-26.4
92-126.5
19.2-26.4
Hold Voltage
V
≥0.5Vnom
≥0.5Vnom
≥0.5Vnom
≥0.5Vnom
Dropout Voltage
V
≤0.1Vnom
≤0.1Vnom
≤0.1Vnom
≤0.2Vnom
Coil Resistance Data for Pole Configurations (@25°C)
Coil Designator
Units
A
B*
C*
D*
Resistance ±10%
Ohms
X = 36
X = 36
X = 36
Y = 20.8
XX = 18
XX = 18
XX = 18
YY = 10.4
XXX = 12
XXX = 12
XXX = 12
YYY = 6.9
XY = 13.2
XY = 13.2
XY = 13.2
YXY = 8.1
XYX = 9.6
XYX = 9.6
XYX = 9.6
*Coil resistance not measurable at terminals due to converter/economizer circuit.
Coil Current/Power Data for Pole Configurations (@25°C, Vcoil=1.1Vnom)
Coil Designator
A
B**
Current/Power
X = 0.37 ADC / 4.84W
X = 0.33ADC / 3.9W
XX = 0.73ADC / 9.68W
XX = 0.65ADC / 7.6W
XXX = 1.1ADC / 14.5W
XXX = 0.97ADC / 11.3W
XY = 1.0ADC / 13.2W
XY = 0.98ADC / 12.7W
XYX = 1.38ADC / 18.2W
XYX = 1.31ADC / 16.5W
Coil Designator
C
D***
Pick-Up I / Duration
Current/Power
X = 0.067 Arms / 6.8VA
Y = 0.13ADC / 3.4W
1.28ADC / 75ms
XX = 0.115Arms / 11.6VA
YY = 0.23ADC / 6.1W
2.4ADC / 75ms
XXX = 0.146Arms / 14.8VA YYY = 0.34ADC / 9.0W
3.0ADC / 75ms
XY = 0.074Arms / 7.5VA
YXY = 0.28ADC / 7.4W
3.0ADC / 75ms
XYX = 0.161Arms / 16.3VA
**Average coil current.
***Economized.
Operate/Release Time (25°C, 0.8Vnom ≤ V < Vnom) Typ.
Coil Designator
Units
A
B****
C****
D****
Operate Time
ms
25-50
30-50
50-150
20-30
Release Time
ms
10-20
70-80
75-100
75-100
Bounce Time
ms
2-5
2-5
2-5
2-5
****Includes internal coil suppression.
Available Pole Configurations and Applicable Coil Codes
No. of NC Poles (across)
0
1
2
3
No. of NO Poles (down)
0
Y
YY
YYY
Coil D
Coil D
Coil D
1
X
XY
YXY
Coil A/B/C/E
Coil A/B/C/E
Coil D
2
XX
XYX
Coil A/B/C/E
Coil A/B/C/E
3
XXX
Coil A/B/C/E
X = Form X (NO-DM) Y = Form Y (NC-DB)
Product Specifications
Parameter
Units
Value for FM200 Series
Contact Arrangement
1, 2 or 3 poles
Contact Form (per pole)
Form X or Y (NO-DM or NC-DB)
Rated Operating Voltage
V
480Vrms (L-L) or 48VDC
Max. Contact Voltage (transient)
V
750Vrms or 60VDC
Continuous (Carry) Current
Arms or ADC 200/pole (Form X)
150/pole (Form Y)
Power Switching Form X (0.7-1.0 PF)
Cycles
2,000 @ 300Arms
10,000@ 200Arms
20,000 @ 100Arms
5,000 @ 200A/48VDC
2 million @ 50A/28VDC
Power Switching Form Y (0.7-1.0 PF)
Cycles
2,000 @ 225Arms
10,000@ 150Arms
20,000 @ 75Arms
5,000 @ 150A/48VDC
2 million @ 35A/28VDC
Mechanical Life
Cycles
>2 million
Contact Voltage Drop
mV
75 for Form X or Form Y
Auxiliary Contact Arrangement
1 Form A (SPST-NO)
Auxiliary Contact Rating
Arms or ADC 1 @ 30VDC, 3 @ 125VAC
Dielectric Withstanding Voltage
Vrms
2,200 @ sea level
Insulation Resistance @ 500VDC
Megohms
100
Shock, 11ms 1/2 sine, peak
G
10
Vibration, sine, 10-2000Hz.
G
5
Operating Temperature
°C
-20 to +60
Storage Temperature
°C
-40 to +85
Ambient Humidity
%RH
0 to 95
Weight
oz. / kg
17.6 - 49.4 / 0.5 -1.4
See Outline Dimensions for model-specific weight information.
For factory-direct application assistance, dial
800-253-4560, ext. 2055, or 805-220-2055.
File E208033


유사한 부품 번호 - FM200EAXX

제조업체부품명데이터시트상세설명
logo
RFE international
FM200 RFE-FM200 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
logo
TE Connectivity Ltd
FM200 TEC-FM200 Datasheet
197Kb / 2P
   n Optional quick connect tabs for sensing
logo
Extech Instruments Corp...
FM200 EXTECH-FM200 Datasheet
271Kb / 1P
   FM200 Handheld Formaldehyde (CH2O or HCHO) Meter
logo
RFE international
FM200 RFE-FM200 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
logo
Rectron Semiconductor
FM2000 RECTRON-FM2000 Datasheet
176Kb / 6P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
More results

유사한 설명 - FM200EAXX

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
EV200 MACOM-EV200 Datasheet
255Kb / 2P
   KILOVAC EV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900VDC
LEV200A4NAF MACOM-LEV200A4NAF Datasheet
300Kb / 3P
   KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
LEV200A4ANA MACOM-LEV200A4ANA Datasheet
297Kb / 2P
   KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
logo
TE Connectivity Ltd
EV200 TEC-EV200 Datasheet
297Kb / 2P
   KILOVAC EV200 Series Contactor With 1 Form X (SPST-NO)Contacts Rated 500 Amps, 12-900 Vdc
EV100 TEC-EV100 Datasheet
262Kb / 2P
   KILOVAC EV100 Series Contactor With 1 Form XContacts Rated 100 Amps Continuous, 600 Vdc
logo
List of Unclassifed Man...
PT570615 ETC2-PT570615 Datasheet
721Kb / 4P
   2 pole 12A, 3 pole 10A or 4 pole 6A, 2, 3 or 4 form C (CO) contacts
845HN ETC-845HN Datasheet
282Kb / 3P
   Sub-Miniature - 1 or 2 pole, 5-12 amps
logo
Schurter Inc.
6765 SCHURTER-6765 Datasheet
453Kb / 4P
   IEC Appliance Inlet C14 or C18 with Line Switch 1-or 2 pole and Fuseholder 1- or 2-pole
logo
Tyco Electronics
93-3100 MACOM-93-3100 Datasheet
100Kb / 2P
   Definite Purpose Contactor 3-pole, 50-60 FLA 3-pole, 50-60 FLA
logo
Laird Tech Smart Techno...
WL-1500 LSTD-WL-1500 Datasheet
1Mb / 9P
   Input power must be rated for 230 VAC at 50 or 60 Hz
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com