전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLPA200 데이터시트(PDF) 4 Page - Texas Instruments

부품명 DLPA200
상세설명  DLP짰 DLPA200 DMD Micromirror Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DLPA200 데이터시트(HTML) 4 Page - Texas Instruments

  DLPA200_1 Datasheet HTML 1Page - Texas Instruments DLPA200_1 Datasheet HTML 2Page - Texas Instruments DLPA200_1 Datasheet HTML 3Page - Texas Instruments DLPA200_1 Datasheet HTML 4Page - Texas Instruments DLPA200_1 Datasheet HTML 5Page - Texas Instruments DLPA200_1 Datasheet HTML 6Page - Texas Instruments DLPA200_1 Datasheet HTML 7Page - Texas Instruments DLPA200_1 Datasheet HTML 8Page - Texas Instruments DLPA200_1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DLPA200
DLPS015A – APRIL 2010 – REVISED JUNE 2010
www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
(INPUT
DESCRIPTION
NAME
NO.
DEFAULT)
SCPDI
57
Input (pull down)
Serial bus data input. Clocked in on the falling edge of SCPCK.
SCPCK
56
Input (pull down)
Serial bus clock. Provided by chipset Controller.
Serial bus data output (open drain). Clocked out on the rising edge of SCPCK.
SCPDO
42
Output
A 1k
Ω pull up resistor to the Chip-Set Controller VDD supply is recommended.
Interrupt request output to the chipset Controller. Active low.
IRQ
43
Output
A 1 k
Ω pull up resistor to the Chip-Set Controller VDD supply is recommended.
DEV_ID1
45
Input (pull up)
Serial bus device address:
DEV_ID0
44
Input (pull up)
00 = all; 01 = device 1; 10 = device 2; 11 = device 3.
VBIAS
9
Power
One of three specialized voltages which are generated by the DLPA200.
VBIAS_LHI
10
Power
Current limiter output for VBIAS supply. (also the VBIAS switching inductor input)
VBIAS_SWL
8
Power
Connection point for VBIAS supply switching inductor.
21, 30, 31,
The internally-used VBIAS supply rail. Internally isolated from VBIAS.
VBIAS_RAIL
40, 61, 70,
Power (substrate)
71, 80
One of three specialized voltages which are generated by the DLPA200. The
VRESET
13
Power
package thermal pad is tied to this voltage level.
VRESET_SWL
12
Power
Connection point for VRESET supply switching inductor..
25, 26, 35,36,
The internally-used VRESET supply rail. Internally isolated from VRESET.(1)
VRESET_RAIL(1)
65, 66, 75,
Power
76
VOFFSET
49
Power
One of three specialized voltages which are generated by the DLPA200.
23, 28, 33,
The internally-used VOFFSET supply rail. Internally isolated from VOFFSET.
VOFFSET_RAIL
38, 63, 68,
Power
73, 78
1, 7, 14, 20,
Common ground
GND
41, 46, 53,
Power
55, 60
V5REG
47
Power
The 5-volt logic supply output.
P12V
11, 48, 50
Power
The main power input to the DLPA200.
NC
51, 52, 54
No Connect
No connect
(1)
Exposed thermal pad is internally connected to VRESET_RAIL.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DLPA200


유사한 부품 번호 - DLPA200_1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLPA200_15 TI-DLPA200_15_15 Datasheet
431Kb / 29P
[Old version datasheet]   DLPA200 DLP짰 DMD Micromirror Driver9
More results

유사한 설명 - DLPA200_1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLPA200 TI-DLPA200 Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
DLPA200_15 TI-DLPA200_15_15 Datasheet
431Kb / 29P
[Old version datasheet]   DLPA200 DLP짰 DMD Micromirror Driver9
DLPA200 TI1-DLPA200 Datasheet
438Kb / 29P
[Old version datasheet]   DMD Micromirror Driver
DLPA300 TI-DLPA300 Datasheet
1Mb / 27P
[Old version datasheet]   DLPA300 DMD Micromirror Driver
OCTOBER 2021
DLP5500 TI-DLP5500 Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
DLP3000 TI1-DLP3000 Datasheet
1Mb / 30P
[Old version datasheet]   DLP짰 0.3 WVGA Series 220 DMD
DLP1700 TI1-DLP1700 Datasheet
1Mb / 25P
[Old version datasheet]   DLP짰 0.17 HVGA DDR Series 210 DMD
DLPC100 TI1-DLPC100 Datasheet
495Kb / 25P
[Old version datasheet]   DLP짰 Digital Controller for the DLP1700 DMD
DLPC300 TI1-DLPC300 Datasheet
726Kb / 39P
[Old version datasheet]   DLP짰 Digital Controller for the DLP3000 DMD
DLPC200 TI-DLPC200 Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com