전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP512AID 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP512AID
상세설명  Temperature and Power Supply System Monitors
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP512AID 데이터시트(HTML) 1 Page - Texas Instruments

  TMP512AID Datasheet HTML 1Page - Texas Instruments TMP512AID Datasheet HTML 2Page - Texas Instruments TMP512AID Datasheet HTML 3Page - Texas Instruments TMP512AID Datasheet HTML 4Page - Texas Instruments TMP512AID Datasheet HTML 5Page - Texas Instruments TMP512AID Datasheet HTML 6Page - Texas Instruments TMP512AID Datasheet HTML 7Page - Texas Instruments TMP512AID Datasheet HTML 8Page - Texas Instruments TMP512AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
GND
GPIO
V
IN+
V
IN-
ALERT
SDA
SCL
ADC
TMP512
TMP513
DXP1
DXN1
DXP2
DXN2
Subregulator
3.3V
V+
Filter C
Two-Wire
Interface
Power Register
Current Register
Voltage Register
ADC
Low-Pass Filter
Internal
Diode
Temperature
Sensor
Mux
A0
DXP3
DXN3
TMP512
TMP513
www.ti.com
SBOS491 – JUNE 2010
Temperature and Power Supply System Monitors
Check for Samples: TMP512, TMP513
1
FEATURES
DESCRIPTION
234
±1°C REMOTE DIODE SENSORS
The
TMP512
(dual-channel)
and
TMP513
(triple-channel) are system monitors that include
±1°C LOCAL TEMPERATURE SENSOR
remote sensors, a local temperature sensor, and a
SERIES RESISTANCE CANCELLATION
high-side
current
shunt
monitor.
These
system
n-FACTOR CORRECTION
monitors have the capability of measuring remote
TEMPERATURE ALERT FUNCTION
temperatures, on-chip temperatures, and system
voltage/power/current consumption.
AVERAGING
The remote temperature sensor diode-connected
12-BIT RESOLUTION
transistors are typically low-cost, NPN- or PNP-type
DIODE FAULT DETECTION
transistors or diodes that are an integral part of
SENSES BUS VOLTAGES FROM 0V TO +26V
microcontrollers,
microprocessors,
or
FPGAs.
REPORTS CURRENT IN AMPS, VOLTAGE IN
Remote
accuracy
is
±1°C
for
multiple
IC
manufacturers, with no calibration needed. The
VOLTS AND POWER IN WATTS
two-wire
serial
interface
accepts
SMBus™
or
HIGH ACCURACY: 1% MAX OVER TEMP
two-wire write and read commands.
WATCHDOG LIMITS:
The onboard current shunt monitor is a high-side
Upper Over-Limit
current shunt and power monitor. It monitors both the
Lower Under-Limit
shunt drop and supply voltage. A programmable
calibration value (along with the TMP512/TMP513
APPLICATIONS
internal digital multiplier) enables direct readout in
amps; an additional multiplication calculates power in
DESKTOP AND NOTEBOOK COMPUTERS
watts. The TMP512 and TMP513 both feature two
SERVERS
separate onboard watchdog capabilities: an over-limit
INDUSTRIAL CONTROLLERS
comparator and a lower-limit comparator.
CENTRAL OFFICE TELECOM EQUIPMENT
These devices use a single +3V to +26V supply,
LCD/ DLP®/LCOS PROJECTORS
drawing a maximum of 1.4mA of supply current, and
STORAGE AREA NETWORKS (SAN)
they are specified for operation from –40°C to
+125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DLP is a registered trademark of Texas Instruments.
3
SMBus is a trademark of Intel Corporation.
4
All other trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2010, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TMP512AID

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP512AID TI-TMP512AID Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP512AID TI1-TMP512AID Datasheet
1Mb / 61P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP512AIDR TI-TMP512AIDR Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP512AIDR TI1-TMP512AIDR Datasheet
1Mb / 61P
[Old version datasheet]   Temperature and Power Supply System Monitors
More results

유사한 설명 - TMP512AID

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP512 TI-TMP512 Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP512 TI1-TMP512_15 Datasheet
1Mb / 61P
[Old version datasheet]   Temperature and Power Supply System Monitors
logo
Maxim Integrated Produc...
MAX6653 MAXIM-MAX6653 Datasheet
297Kb / 24P
   Temperature Monitors and PWM Fan Controllers
Rev 1; 12/03
logo
Linear Technology
LTC2921 LINER-LTC2921_15 Datasheet
322Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2921 LINER-LTC2921 Datasheet
316Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2922 LINER-LTC2922_15 Datasheet
322Kb / 20P
   Power Supply Tracker with Input Monitors
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
Maxim Integrated Produc...
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
logo
ON Semiconductor
FDMF5062 ONSEMI-FDMF5062 Datasheet
42Kb / 1P
   Smart Power Stage (SPS) Modules with Integrated Current and Temperature Monitors
logo
Panasonic Semiconductor
AN34043AA PANASONIC-AN34043AA Datasheet
3Mb / 17P
   DTV System Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com