전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3DV20812RHH 데이터시트(PDF) 2 Page - Texas Instruments

부품명 TS3DV20812RHH
상세설명  2-Gbps DIFFERENTIAL SWITCH 8-Bit, 1:2 MULTIPLEXER/DEMULTIPLEXER WITH 3-SIDE BAND SIGNALS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS3DV20812RHH 데이터시트(HTML) 2 Page - Texas Instruments

  TS3DV20812RHH Datasheet HTML 1Page - Texas Instruments TS3DV20812RHH Datasheet HTML 2Page - Texas Instruments TS3DV20812RHH Datasheet HTML 3Page - Texas Instruments TS3DV20812RHH Datasheet HTML 4Page - Texas Instruments TS3DV20812RHH Datasheet HTML 5Page - Texas Instruments TS3DV20812RHH Datasheet HTML 6Page - Texas Instruments TS3DV20812RHH Datasheet HTML 7Page - Texas Instruments TS3DV20812RHH Datasheet HTML 8Page - Texas Instruments TS3DV20812RHH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TS3DV20812
SCDS302 – JUNE 2010
www.ti.com
Table 1. ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
QFN – RHH
Tape and reel
TS3DV20812RHH
TBD
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
LOGIC DIAGRAM
FUNCTION TABLE
INPUT
DIFFERENTIAL
FUNCTIONS
SEL
SIGNAL I/Os
A-PORT
B-PORT
L
Dn (±), nA (AUX (±),
DnA (±), nA_A
High-impedance mode
HPD, CAD/CEC)
H
High-impedance mode
DnB (±), nA_B
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TS3DV20812


유사한 부품 번호 - TS3DV20812RHH

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3DV20812RHH TI-TS3DV20812RHH Datasheet
1Mb / 20P
[Old version datasheet]   2-Gbps DIFFRETIAL SWITCH 8-bit, 1:2 MULTIPLEXER/DEMULTIPEXER WITH 3-SIDE BAND SIGNALS
TS3DV20812RHHR TI-TS3DV20812RHHR Datasheet
1Mb / 20P
[Old version datasheet]   2-Gbps DIFFRETIAL SWITCH 8-bit, 1:2 MULTIPLEXER/DEMULTIPEXER WITH 3-SIDE BAND SIGNALS
More results

유사한 설명 - TS3DV20812RHH

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3DV20812 TI-TS3DV20812 Datasheet
1Mb / 20P
[Old version datasheet]   2-Gbps DIFFRETIAL SWITCH 8-bit, 1:2 MULTIPLEXER/DEMULTIPEXER WITH 3-SIDE BAND SIGNALS
logo
Fairchild Semiconductor
NC7SB3257 FAIRCHILD-NC7SB3257_05 Datasheet
190Kb / 10P
   2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
NC7SB3257 ONSEMI-NC7SB3257 Datasheet
280Kb / 7P
   2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
74FST3257 ONSEMI-74FST3257_18 Datasheet
99Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
May, 2018 ??Rev. 8
logo
Fairchild Semiconductor
FST3257 FAIRCHILD-FST3257 Datasheet
96Kb / 5P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3257 ONSEMI-74FST3257_11 Datasheet
145Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
June, 2011 ??Rev. 7
FST3257 ONSEMI-FST3257 Datasheet
575Kb / 12P
   Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
74FST3257 ONSEMI-74FST3257_07 Datasheet
96Kb / 8P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch
January, 2007 ??Rev. 4
74FST3257 ONSEMI-74FST3257 Datasheet
85Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
January, 2005 ??Rev. 2
logo
Maxim Integrated Produc...
MAX9396 MAXIM-MAX9396 Datasheet
168Kb / 13P
   2:1 Multiplexer and 1:2 Demultiplexer with Loopback
Rev 0; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com