전자부품 데이터시트 검색엔진 |
|
1N4947 데이터시트(PDF) 1 Page - Gulf Semiconductor |
|
1N4947 데이터시트(HTML) 1 Page - Gulf Semiconductor |
1 / 2 page 1N4942 THRU 1N4948 FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A FEATURE DO-41\DO-204AL Molded case feature for auto insertion High current capability Low leakage current High surge capability High temperature soldering guaranteed 250 °C/10sec/0.375”lead length at 5 lbs tension Fast switching for high efficiency MECHANICAL DATA Terminal:Plated axial leads solderable per MIL-STD 202E, method 208C Case:Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity:color band denotes cathode Mounting position:any Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (single-phase, half -wave, 60HZ, resistive or inductive load rating at 25 °C, unless otherwise stated) SYMBOL 1N 4942 1N 4944 1N 4946 1N 4947 1N 4948 units Maximum Recurrent Peak Reverse Voltage Vrrm 200 400 600 800 1000 V Maximum RMS Voltage Vrms 140 280 420 560 700 V Maximum DC blocking Voltage Vdc 200 400 600 800 1000 V Maximum Average Forward Rectified Current 3/8”lead length at Ta =75 °C If(av) 1.0 A Peak Forward Surge Current 8.3ms single Half sine-wave superimposed on rated load Ifsm 25.0 A Maximum Forward Voltage at rated Forward Current and 25 °C Vf 1.3 V * Maximum DC Reverse Current Ta =25 °C at rated DC blocking voltage Ir 5.0 µA Maximum Reverse Recovery Time (Note 1) Trr 150 250 500 nS Typical Junction Capacitance (Note 2) Cj 15.0 pF Typical Thermal Resistance (Note 3) R(ja) 50.0 °C/W Storage and Operating Junction Temperature Tstg,Tj -50 to +150 °C Note: 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 0.375”lead length, P.C. Board Mounted 1 1 Rev.A4 www.gulfsemi.com |
유사한 부품 번호 - 1N4947 |
|
유사한 설명 - 1N4947 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |