전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC5682ZIRGCR 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC5682ZIRGCR
상세설명  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC5682ZIRGCR 데이터시트(HTML) 11 Page - Texas Instruments

Back Button DAC5682ZIRGCR Datasheet HTML 7Page - Texas Instruments DAC5682ZIRGCR Datasheet HTML 8Page - Texas Instruments DAC5682ZIRGCR Datasheet HTML 9Page - Texas Instruments DAC5682ZIRGCR Datasheet HTML 10Page - Texas Instruments DAC5682ZIRGCR Datasheet HTML 11Page - Texas Instruments DAC5682ZIRGCR Datasheet HTML 12Page - Texas Instruments DAC5682ZIRGCR Datasheet HTML 13Page - Texas Instruments DAC5682ZIRGCR Datasheet HTML 14Page - Texas Instruments DAC5682ZIRGCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
DAC5682Z
www.ti.com ........................................................................................................................................................ SLLS853C – AUGUST 2007 – REVISED JUNE 2009
ELECTRICAL CHARACTERISTICS (DIGITAL SPECIFICATIONS) (continued)
over recommended operating free-air temperature range, AVDD, IOVDD = 3.3V, CLKVDD, DVDD = 1.8V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Data output delay after
td(Data)
10
ns
falling edge of SCLK
Minimum RESETB pulse
tRESET
25
ns
width
CLOCK INPUT (CLKIN/CLKINC)
Duty cycle
50%
Differential voltage(3)
0.4
1
V
CLKIN/CLKINC input
CLKVDD
V
common mode
÷2
PHASE LOCKED LOOP
DAC output at 600 kHz offset, 100 MHz, 0-dBFS tone,
2X4, fDATA = 250 MSPS, CLKIN/C = 250 MHz,
–125
PLL_m = '00111', PLL_n = '001', VCO_div2 = 0,
PLL_range = '1111', PLL_gain = '00'
Phase noise
dBc/ Hz
DAC output at 6 MHz offset, 100 MHz, 0-dBFS tone,
2X4, fDATA = 250 MSPS, CLKIN/C = 250 MHz,
–146
PLL_m = '00111', PLL_n = '001', VCO_div2 = 0,
PLL_range = '1111', PLL_gain = '00'
PLL_gain = '00', PLL_range = '0000' (0)
160
290
MHz
220
MHz/V
PLL_gain = '01', PLL_range = '0001' (1)
290
460
MHz
300
MHz/V
PLL_gain = '01', PLL_range = '0010' (2)
400
520
MHz
260
MHz/V
PLL_gain = '01', PLL_range = '0011' (3)
480
570
MHz
240
MHz/V
PLL_gain = '01', PLL_range = '0100' (4)
560
620
MHz
210
MHz/V
PLL_gain = '10', PLL_range = '0101' (5)
620
740
MHz
270
MHz/V
PLL/VCO Operating
PLL_gain = '10', PLL_range = '0110' (6)
690
780
MHz
Frequency,
250
MHz/V
Typical VCO Gain
PLL_gain = '10', PLL_range = '0111' (7)
740
820
MHz
240
MHz/V
PLL_gain = '10', PLL_range = '1000' (8)
790
850
MHz
220
MHz/V
PLL_gain = '10', PLL_range = '1001' (9)
840
880
MHz
210
MHz/V
PLL_gain = '11', PLL_range = '1010' (A)
880
940
MHz
250
MHz/V
PLL_gain = '11', PLL_range = '1011' (B)
920
990
MHz
230
MHz/V
PLL_gain = '11', PLL_range = '1100' (C)
960
1000
MHz
220
MHz/V
PFD Maximum Frequency
160
MHz
(3)
Driving the clock input with a differential voltage lower than 1V will result in degraded performance.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DAC5682Z


유사한 부품 번호 - DAC5682ZIRGCR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5682ZIRGCR TI-DAC5682ZIRGCR Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682ZIRGCR TI1-DAC5682ZIRGCR Datasheet
3Mb / 66P
[Old version datasheet]   16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
More results

유사한 설명 - DAC5682ZIRGCR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5682Z TI-DAC5682Z Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI1-DAC5682Z_17 Datasheet
3Mb / 66P
[Old version datasheet]   16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z_15 Datasheet
3Mb / 66P
[Old version datasheet]   DAC5682Z 16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com