전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5341UMPX 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FAN5341UMPX
상세설명  Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5341UMPX 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FAN5341UMPX Datasheet HTML 1Page - Fairchild Semiconductor FAN5341UMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN5341UMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5341UMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5341UMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5341UMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5341UMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5341UMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5341UMPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5341 • Rev. 1.0.0
3
Pin Configuration
P1
GND
4
3
2
1
5
6
GND
SW
FB
VOUT
VIN
EN
Figure 3. UMLP6 Package, ^Top View
Pin Definitions
Pin #
Name
Description
1
VOUT
Boost Output Voltage
. Output of the boost regulator. Connect the LEDs to this pin. Connect COUT
(Output Capacitor) to GND.
2
VIN
Input Voltage
. Connect to power source and decouple with CIN to GND.
3
EN
Enable Brightness Control
. Program dimming levels by driving pin with digital pulses.
4
FB
Voltage Feedback
. The boost regulator regulates this pin to 0.253V to control the LED string current.
Tie this pin to a current setting resistor (RSET) between GND and the cathode of the LED string.
5
SW
Switching node
. Tie inductor L1 from VIN to SW pin.
6
GND
Ground
. Tie directly to a GND plane.


유사한 부품 번호 - FAN5341UMPX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN5341UMPX ONSEMI-FAN5341UMPX Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
More results

유사한 설명 - FAN5341UMPX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
logo
Fairchild Semiconductor
FAN5343 FAIRCHILD-FAN5343 Datasheet
1Mb / 11P
   6-LED Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
FAN5345 FAIRCHILD-FAN5345 Datasheet
1Mb / 14P
   Series Boost LED Driver with Single-Wire Digital Interface
logo
Linear Technology
LT3519 LINER-LT3519_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519-2 LINER-LT3519-2_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519-1 LINER-LT3519-1_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519 LINER-LT3519 Datasheet
245Kb / 16P
   LED Driver with Integrated Schottky Diode
logo
Renesas Technology Corp
ISL97631 RENESAS-ISL97631 Datasheet
471Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Intersil Corporation
ISL97631 INTERSIL-ISL97631 Datasheet
331Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Fairchild Semiconductor
FAN5346 FAIRCHILD-FAN5346 Datasheet
1Mb / 14P
   Series Boost LED Driver with PWM Dimming Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com