전자부품 데이터시트 검색엔진 |
|
R05105 데이터시트(PDF) 1 Page - Recom International Power |
|
R05105 데이터시트(HTML) 1 Page - Recom International Power |
1 / 2 page www.recom-international.com EU 31 EUROLINE - DC/DC-Converter RxxIxx-Series, 2 Watt, SIP4, Isolated (Single Output) Absolute Maximum Ratings ● Wide Temperature performance at full 2 Watt load, –40°C to 85°C ● Industry Standard Pinout ● 1kVDC Isolation ● Efficiency to 85% ● UL 94V-0 Package Material ● Internal SMD Construction ● MTTF up to 2.9 Million Hours Features Selection Guide 5V, 12V Input Types Part Number Nom. Input Rated Output Rated Output Input Current Efficiency Isolation Package Voltage Voltage Current at Rated Load Capacitance Style (VDC) (VDC) (mA) (mA) (%) (pF) R05I05 5 5 400 513 78 19 R05I09 5 9 222 492 81 27 R05I12 5 12 167 479 84 32 R05I15 5 15 133 481 83 27 SIP4 R12I05 12 5 400 207 81 28 R12I09 12 9 222 198 84 42 R12I12 12 12 167 197 85 46 R12I15 12 15 133 197 85 54 Electrical Specifications (measured at T A = 25°C, at nominal input voltage and rated output current unless otherwise specified) Input Voltage V IN 05V types 7VDC 12V types 15VDC Internal Power Dissipation 805mW Lead Temperature 300°C Input Voltage Range V IN (continuous operation) 5V types 4.5VDC min. / 5.5VDC max. 12V types 10.8VDC min. / 13.2VDC max. Reflected Ripple Current (depending on the type) 23 mA p-p min. to 38 mA p-p max. Voltage Set Point Accuracy see Tolerance Envelope Line Regulation (high V IN to low VIN) 1.0% min. / 1.2% max. of V IN Load regulation (depending on the type) 3.7% min. / 8.5% max. Ripple and Noise (BW=DC to 20MHz) (depending on the type) 45mVp-p min. / 200mVp-p max. Isolation Voltage (flash tested for 1 second) 1000VDC min. Test Voltage (50Hz, 10 seconds) 1000 Vpk min. Resistance (Viso = 500V) 10 GΩ min. Switching Frequency 90kHz typ. Package Weight SIP types 2.0 g Storage Temperature Range –50°C to +130°C Operating Temperature Range (all output types) –40°C min. to +85°C max. (see graph) Case Temperature Above Ambient (depending on the type) +36°C min. / +45°C max. MTTF 1) (depending on the type) –40°C 417kHrs min. / 3970kHrs max. +25°C 328kHrs min. / 2327kHrs max. +85°C 222kHrs min. / 934kHrs max. 1). Calculated using MIL-HDBK-217F with nominal input voltage at full load. Please contact us, if you need exact parameters for the converter you have selected. |
유사한 부품 번호 - R05105 |
|
유사한 설명 - R05105 |